Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 33Page - Omron Electronics LLC E39-R3 Datasheet HTML 34Page - Omron Electronics LLC E39-R3 Datasheet HTML 35Page - Omron Electronics LLC E39-R3 Datasheet HTML 36Page - Omron Electronics LLC E39-R3 Datasheet HTML 37Page - Omron Electronics LLC E39-R3 Datasheet HTML 38Page - Omron Electronics LLC E39-R3 Datasheet HTML 39Page - Omron Electronics LLC E39-R3 Datasheet HTML 40Page - Omron Electronics LLC E39-R3 Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
1
Light Axis Adjustment with Flashing Function
E3X-T
jj
This function enables the user to adjust with ease the light axis of the through-beam fiber with the light source flashing. All E3X models have this
function.
1. Set the mode setting selector to FLASH.
2. If the axis of the light emission fiber head and that of the
light reception fiber head do not agree with each other
and the amount of light reception becomes 90% of the
peak value or less, the flashing function of the E3X will
work. The E3X retains the peak value when the mode
setting selector is set to FLASH and the axes of the
fiber heads are adjusted to agree with each other.
Mode Setting Selector
Fiber for light emission
Fiber for light reception
Optical input
The peak of light reception
90% of the peak value
Lit in this range.
Angle of the head (
θ)
Flashing
Lit
Flashing
θ
E3X-A
jj/-Fjj/-VGjj
1. Set the mode selector to SET.
2. Adjust the light axis by moving the fiber with the light
flashing.
3. Set the mode selector to L-ON or D-ON after the light axis
is adjusted.
Mode Selector
Improper Light Axis
Proper Light Axis
Flashing
Light ON with
no flushing
Light axis
adjusted
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com