Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 35Page - Omron Electronics LLC E39-R3 Datasheet HTML 36Page - Omron Electronics LLC E39-R3 Datasheet HTML 37Page - Omron Electronics LLC E39-R3 Datasheet HTML 38Page - Omron Electronics LLC E39-R3 Datasheet HTML 39Page - Omron Electronics LLC E39-R3 Datasheet HTML 40Page - Omron Electronics LLC E39-R3 Datasheet HTML 41Page - Omron Electronics LLC E39-R3 Datasheet HTML 42Page - Omron Electronics LLC E39-R3 Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
E3X
E3X
3
Power supply
ON
OFF
Remote tuning input
Sensitivity setting
H
L
T1
T2
T1
T1: 0.5 to 3 s
T2: 0.5 to 1 s min.
Maximum sensitivity
H
L
T2
T2: 5 s min.
Remote Bank Function
The remote bank input signal allows the setting of two kinds of sensitivity adjustment values.
To set two kinds of sensitivity adjustment values, the
purple and blue wires must be connected with each oth-
er and select bank 2 to tune the E3X.
Brown
+V
Black; control output
Orange; self-diagnosis
input
Pink
Purple
Blue 0 V
Bank 1: SW = OFF
Bank 2: SW = ON
Variable Hysteresis Function (E3X-H11)
Sensing of Plate Level Differences
(If sensing is impossible with the hysteresis value set to maximum)
Refer to the following when using the hysteresis adjuster.
Sensing operation is not stable be-
cause zone B is within the hystere-
sis differential range.
Reduce the sensitivity of the E3X with
the sensitivity adjuster and turn off
zone B.
Reduce the hysteresis value with the
hysteresis adjuster so that zone A will
be ON.
Reflection
of light
Large hysteresis
differential
Unstable
AB
ON
ON
OFF
Reflection
of light
Unstable
AB
OFF
ON
OFF
Reflection
of light
OFF
AB
ON
ON
OFF
Small hysteresis differential
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com