Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 52 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 48Page - Omron Electronics LLC E39-R3 Datasheet HTML 49Page - Omron Electronics LLC E39-R3 Datasheet HTML 50Page - Omron Electronics LLC E39-R3 Datasheet HTML 51Page - Omron Electronics LLC E39-R3 Datasheet HTML 52Page - Omron Electronics LLC E39-R3 Datasheet HTML 53Page - Omron Electronics LLC E39-R3 Datasheet HTML 54Page - Omron Electronics LLC E39-R3 Datasheet HTML 55Page - Omron Electronics LLC E39-R3 Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
E3X
E3X
9
Fine Through-beam
E32-T22S
E32-T24S
17.6
0.4
11
3.2
1.8
3.2
10
20.5
3
2
3.5 dia.
2 dia.
Sensing head
(nickel-plate brass)
Optical fiber 2.2 dia.
Mounting bracket (attachment)
Sensing surface
E32-T84S
Note:
Section A resists 200
°C and section B (which is inserted to the Amplifier) resists 110°C. The operating
temperature of section B must also be within the withstand temperature range of the Amplifier.
2,000 (standard length)
2.9 dia. flexible
tube (stainless)
Sleeve
Sensing head (stainless)
Lens (2 dia.)
4 dia.
3 dia.
3.5 dia.
4 dia.
5 dia.
(see note)
2,000
Slot Fiber Units
E32-G14
Mounting Holes
36.3
20
2,000
R1.6
R1.6
3.2 9.0
10
R3.5
23.5
1.6
1.6
9.4
Optical fiber, 2.2 dia.
9.4
Two, M3
7.4 7.0
Lens
(PMMA)
Sensing head (ABS)
25.2
9.2
24
Optical axis
4
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com