Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC E39-R3 Datasheet HTML 10Page - Omron Electronics LLC E39-R3 Datasheet HTML 11Page - Omron Electronics LLC E39-R3 Datasheet HTML 12Page - Omron Electronics LLC E39-R3 Datasheet HTML 13Page - Omron Electronics LLC E39-R3 Datasheet HTML 14Page - Omron Electronics LLC E39-R3 Datasheet HTML 15Page - Omron Electronics LLC E39-R3 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
E3X
E3X
12
Reflective Sensors
Model
Differential travel
Ambient
temperature
Ambient
humidity
Permissible
bending radius
Material
Enclosure rating
E32-D11L
20% of max. of
idi t
Operating: –40
°C
70
°C( ih
Operating:
35% t 85%
25 mm min.
Black
lth l
IEC IP67
E32-D12
sensing distance
(Adjustable in a
Oe a
g
0 C
to 70
°C (with no
icing)
g
35% to 85%
polyethylene
E32-D21L
(Adjustable in a
range of 0% to
icing)
E32-D22L
range of 0% to
20% when the
E3X-H11 is used )
E32-DC200
E3X-H11 is used.)
E32-DC200B
E32-DC200B4
E32-DC200E
E32-DC200F
E32-DC200F4
E32-D11
4 mm min.
Vinyl chloride
E32-D21
E32-DC200C
25 mm min.
Black
lth l
E32-DC200D
E32-DC200D4
polyethylene
E32-DC9G
E32-DC9G4
E32-D33
E32-CC200
E32-D32
E32-D32L
E32-D14L
E32-D24
E32-D12F
Operating: –30
°C
to 70
°C (with no
icing)
40 mm min.
Teflon-covered
black
polyethylene*
E32-D51
Operating: –40
°C
to 150
°C (with no
icing)**
35 mm min.
Fluoride resin
E32-D61
Operating: –40
°C
to 300
°C (with no
icing)
25 mm min.
SUS
E32-D73
Operating: –40
°C
to 400
°C (with no
icing)
E32-R21
E39-R3
Operating: –40
°C
to 70
°C (with no
icing)
Black
polyethylene
E32-R16
E39-R1
Operating: –25
°C
to 55
°C (with no
icing)
IEC IP66
E32-L25
Operating: –40
°C
to 70
°C (with no
IEC IP50
E32-L25A
to 70
°C (with no
icing)
E32-L25L***
Operating: –40
°C
to 105
°C (with no
icing)
10 mm min.
(average at 10%
decrease of
Reinforced
polyethylene
E32-L24L***
icing)
decrease of
sensing
distance)
*Teflon is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin.
**When used continuously between –40
°C and 130°C.
***Beam size: 2 mm dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com