Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 59 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 59 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 55Page - Omron Electronics LLC E39-R3 Datasheet HTML 56Page - Omron Electronics LLC E39-R3 Datasheet HTML 57Page - Omron Electronics LLC E39-R3 Datasheet HTML 58Page - Omron Electronics LLC E39-R3 Datasheet HTML 59Page - Omron Electronics LLC E39-R3 Datasheet HTML 60Page - Omron Electronics LLC E39-R3 Datasheet HTML 61Page - Omron Electronics LLC E39-R3 Datasheet HTML 62Page - Omron Electronics LLC E39-R3 Datasheet HTML 63Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
E3X
E3X
16
Installation
Connections
Connection with S3D2 Sensor Controller
Connection with S3D8 Sensor Controller
Note:
A maximum of two E3X Optical Fiber Photoelectric
Sensors can be connected.
Note:
A maximum of eight E3X Optical Fiber Photoelectric Sen-
sors can be connected.
7
8
9
10
11
12
4
5
6
1
2
3
IN1
IN2
NORM
INV
+12 V
0 V
Blue
Black
Brown
+12 V
IN1
Black
Blue 0 V
Brown
Power supply voltage
Output
Functions
NPN input
PNP input
100 to 240 VAC
Relay
AND, OR
S3D2-AK-US
S3D2-AKB-US
AND, OR, and timer
S3D2-CK-US
S3D2-CKB-US
Flip-flop
S3D2-BK-US
---
Transistor
AND, OR, and timer
S3D2-CC-US
S3D2-CCB-US
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com