Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 31Page - Omron Electronics LLC E39-R3 Datasheet HTML 32Page - Omron Electronics LLC E39-R3 Datasheet HTML 33Page - Omron Electronics LLC E39-R3 Datasheet HTML 34Page - Omron Electronics LLC E39-R3 Datasheet HTML 35Page - Omron Electronics LLC E39-R3 Datasheet HTML 36Page - Omron Electronics LLC E39-R3 Datasheet HTML 37Page - Omron Electronics LLC E39-R3 Datasheet HTML 38Page - Omron Electronics LLC E39-R3 Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
E3X
E3X
35
Sensitivity Adjustment
E3X-T
jj
1. Locate the sensor head in the sensing range of the E3X.
2. Set the mode selector to TUNING.
3. Locate the object at the sensing position and press the tuning
button.
Through-beam Model
Reflective Model
Reflective Model
The tuning indicator (red) is lit.
The built-in buzzer beeps once.
Light is not
received.
Mark
Base
4. Move the object and press the tuning button.
Through-beam Model
Reflective Model
Reflective Model
If tuning is OK:
The tuning indicator turns green.
The built-in buzzer beeps once.
If tuning is NG:
The tuning indicator (red) is still lit.
The built-in buzzer beeps 3 times.
Change the position of the object and the sensing distance that have
been set and repeat from the beginning.
Light is received..
Mark
Base
5. Set the mode setting selector to RUN to complete the
sensitivity setting on the E3X.
The tuning indicator (green) is OFF.
6. Select the logical output required with the operation mode
selector.
Maximum Sensitivity Setting
1. Set the mode setting selector to TUNING.
2. Press the tuning button, at which time the object may or may
not be located at the sensing position.
The tuning indicator (red) is lit.
The built-in buzzer beeps once.
3. Set the mode setting selector to RUN to complete the
maximum sensitivity setting on the E3X. It will take
approximately three seconds for the stable operation
indicator or light reception indicator to be lit. After the
maximum sensitivity setting is completed, the tuning indicator
will turn green and then it will be automatically turned OFF in
approximately three seconds. The maximum sensitivity of the
E3X can be automatically set regardless of the set distance or
light reception.
Note:
The sensitivity of the E3X-T11 and E3X-T21 are set to max-
imum before shipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com