Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14
LMH6574
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
Feature Description (continued)
The LMH6574 has a current feedback output buffer with gain determined by external feedback (RF) and gain set
(RG) resistors. With current feedback amplifiers, the closed loop frequency response is a function of RF. For a
gain of 2 V/V, the recommended value of RF is 575Ω. For other gains see Figure 27. Generally, lowering RF from
the recommended value will peak the frequency response and extend the bandwidth while increasing the value
of RF will cause the frequency response to roll off faster. Reducing the value of RF too far below the
recommended value will cause overshoot, ringing and, eventually, oscillation.
Since all applications are slightly different it is worth some experimentation to find the optimal RF for a given
circuit. For more information see Current Feedback Loop Gain Analysis and Performance Enhancement,
Application Note OA-13 (SNOA366), which describes the relationship between RF and closed-loop frequency
response for current feedback operational amplifiers. The impedance looking into pin 12 is approximately 20
Ω.
This allows for good bandwidth at gains up to 10 V/V. When used with gains over 10 V/V, the LMH6574 will
exhibit a “gain bandwidth product” similar to a typical voltage feedback amplifier. For gains of over 10 V/V
consider selecting a high performance video amplifier like the LMH6720 (SNOSA39) to provide additional gain.
7.2.3 Other Applications
The LMH6574 could support a multi antenna receiver with up to four separate antennas. Monitoring the signal
strength of all 4 antennas and connecting the strongest signal to the final IF stage would provide effective spacial
diversity.
For direction finding, the LMH6574 could be used to provide high speed sampling of four separate antennas to a
single DSP which would use the information to calculate the direction of the received signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com