Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 23Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 24Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
LMH6574
www.ti.com
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
9 Power Supply Recommendations
9.1 Power Dissipation
The LMH6574 is optimized for maximum speed and performance in the small form factor of the standard SOIC
package. To ensure maximum output drive and highest performance, thermal shutdown is not provided.
Therefore, it is of utmost importance to make sure that the TJMAX is never exceeded due to the overall power
dissipation.
Follow these steps to determine the Maximum power dissipation for the LMH6574:
1. Calculate the quiescent (no-load) power.
PAMP = ICC* (VS)
where
•
VS = V
+ - V−
(1)
2. Calculate the RMS power dissipated in the output stage:
PD (rms) = rms ((VS - VOUT) * IOUT)
where
•
VOUT is the voltage across the external load
•
IOUT is the current through the external load
•
VS is the total supply voltage
(2)
3. Calculate the total RMS power: PT = PAMP + PD.
The maximum power that the LMH6574 package can dissipate at a given temperature can be derived with the
following equation:
PMAX = (150° – TAMB)/RθJA
where
•
TAMB = Ambient temperature (°C)
•
RθJA = Thermal resistance, from junction to ambient, for a given package (°C/W)
(3)
For the SOIC package RθJA is 130 °C/W.
10 Layout
10.1 Layout Guidelines
Whenever questions about layout arise, use the evaluation board LMH730276 as a guide. To reduce parasitic
capacitances, ground and power planes should be removed near the input and output pins. For long signal paths
controlled impedance lines should be used, along with impedance matching elements at both ends. Bypass
capacitors should be placed as close to the device as possible. Bypass capacitors from each rail to ground are
applied in pairs. The larger electrolytic bypass capacitors can be located farther from the device, the smaller
ceramic capacitors should be placed as close to the device as possible. In the Functional Block Diagram, the
capacitor between V+ and V− is optional, but is recommended for best second harmonic distortion. Another way
to enhance performance is to use pairs of 0.01 μF and 0.1 μF ceramic capacitors for each supply bypass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com