Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
R2
D1
C1
R1
TO SD
-1.5
-1
-0.5
0
0.5
1
1.5
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-1E-07
-5E-08
0
5E-08
0.0000001
1.5E-07
0.0000002
2.5E-07
Time (50 ns/div)
SD_MUX1
SD_MUX2
OUT
145 ns
Settled final value
19
LMH6574
www.ti.com
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
Application Information (continued)
Figure 33 shows typical transition waveforms and shows that SD pin switching settles in less than 145 ns.
Figure 33. SD Pin Switching Waveform and Output Settling
If it is important in the end application to make sure that no two inputs are presented to the output at the same
time, an optional delay block can be added, to drive the SHUTDOWN pin of each device. Figure 34 shows one
possible approach to this delay circuit. The delay circuit shown will delay SHUTDOWN's H to L transitions (R1
and C1 decay) but will not delay its L to H transition. R2 should be kept small compared to R1 in order to not
reduce the SHUTDOWN voltage and to produce little or no delay to SHUTDOWN.
Figure 34. Delay Circuit Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com