Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6574MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
V
+
OUT
FB
SD
A1
A0
IN3
V
-
IN2
GND
IN1
GND
IN0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+
-
EN
3
LMH6574
www.ti.com
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
14-Pin SOIC
Package D
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
IN0
I
Input Channel 0
2
GND
––
Ground
3
IN1
I
Input Channel 1
4
GND
––
Ground
5
IN2
I
Input Channel 2
6
V-
I
V- Supply
7
IN3
I
Input Channel 3
8
A0
I
Select Pin A0
9
A1
I
Select Pin A1
10
EN
I
Enable
11
SD
I
Shutdown
12
FB
I
Feedback
13
OUT
O
Output
14
V+
I
V+ Supply
Truth Table
A1
A0
EN
SD
OUT
1
1
0
0
CH 3
1
0
0
0
CH2
0
1
0
0
CH1
0
0
0
0
CH 0
X
X
1
0
Disable
X
X
X
1
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com