Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6574MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
LMH6574
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics ±5 V ................................. 5
6.6
Electrical Characteristics ±3.3 V .............................. 7
6.7
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 13
7.1
Functional Block Diagram ....................................... 13
7.2
Feature Description................................................. 13
7.3
Device Functional Modes........................................ 16
8
Application and Implementation ........................ 17
8.1
Application Information............................................ 17
9
Power Supply Recommendations ...................... 21
9.1
Power Dissipation ................................................... 21
10
Layout................................................................... 21
10.1
Layout Guidelines ................................................. 21
11
Device and Documentation Support ................. 22
11.1
Documentation Support ........................................ 22
11.2
Receiving Notification of Documentation Updates 22
11.3
Community Resources.......................................... 22
11.4
Trademarks ........................................................... 22
11.5
Electrostatic Discharge Caution ............................ 22
11.6
Glossary ................................................................ 22
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (December 2014) to Revision E
Page
•
Changed IBN parameter maximum specifications from ±5 µA to ±5.2 µA and from ±5.6 µA to ±5.8 µA .............................. 5
•
Changed PSRR parameter minimum specifications from 47 dB to 43 dB and from 45 dB to 41 dB .................................... 5
•
Changed Supply Current Disabled parameter maximum specifications from 5.8 mA to 6.2 mA and from 5.9 mA to
6.3 mA .................................................................................................................................................................................... 6
•
Changed IiL parameter minimum specifications from –2.9 µA to –3.3 µA and from –8.5 µA to –9 µA ................................. 6
•
Added Feature Description and Device Functional Modes sections .................................................................................... 13
Changes from Revision C (November 2012) to Revision D
Page
•
Added, updated, or revised the following sections: Pin Configuration and Functions, Specifications, Application and
Implementation, Power Supply Recommendations , Layout , Device and Documentation Support , and Mechanical,
Packaging, and Orderable Information................................................................................................................................... 1
•
Revised text in Application and Implementation section, formerly titled "Application Notes"............................................... 17
•
Revised text in Multiplexer Expansion section. Added Figure 31, Figure 32, and Figure 33 .............................................. 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com