Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMH6574MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
LMH6574
www.ti.com
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensure of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See Application and Implementation for information on temperature de-rating of this
device. Min/Max ratings are based on product testing, characterization and simulation. Individual parameters are tested as noted.
(2)
Parameters guaranteed by electrical testing at 25°C.
(3)
Positive Value is current into device.
6.5 Electrical Characteristics ±5 V
VS = ±5 V, RL = 100 Ω, AV = 2 V/V, RF = 575 Ω, TJ = 25 °C, unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
FREQUENCY DOMAIN PERFORMANCE
SSBW
−3 dB Bandwidth
VOUT = 0.5 VPP
500
MHz
LSBW
–3 dB Bandwidth
VOUT = 2 VPP
400
MHz
.1 dBBW
0. 1 dB Bandwidth
VOUT = 0.25 VPP
150
MHz
DG
Differential Gain
RL = 150 Ω, f = 4.43 MHz
0.02%
DP
Differential Phase
RL = 150 Ω, f = 4.43 MHz
0.05
deg
XTLK
Channel to Channel
Crosstalk
All Hostile, 5 MHz
−85
dB
TIME DOMAIN RESPONSE
TRS
Channel to Channel
Switching Time
Logic Transition to 90% Output
8
ns
Enable and Disable
Times
Logic Transition to 90% or 10% Output
10
ns
TRL
Rise and Fall Time
4-V Step
2.4
ns
TSS
Settling Time to 0.05%
2-V Step
17
ns
OS
Overshoot
2-V Step
5%
SR
Slew Rate
4-V Step
2200
V/μs
DISTORTION
HD2
2nd Harmonic Distortion
2 VPP , 5 MHz
−68
dBc
HD3
3rd Harmonic Distortion
2 VPP , 5 MHz
−84
dBc
IMD
3rd Order
Intermodulation
Products
10 MHz, Two Tones 2 VPP at Output
−80
dBc
EQUIVALENT INPUT NOISE
VN
Voltage
>1 MHz, Input Referred
5
nV
√Hz
ICN
Current
>1 MHz, Input Referred
5
pA/
√Hz
STATIC, DC PERFORMANCE
CHGM
Channel to Channel
Gain Difference
DC, Difference in Gain
Between Channels
±0.005%
±0.032%
-40°C
≤ TJ ≤ 85°C
±0.035%
VIO
Input Offset Voltage(2)
VIN = 0 V
1
±20
mV
-40°C
≤ TJ ≤ 85°C
±25
DVIO
Offset Voltage Drift
30
µV/°C
IBN
Input Bias Current(2)(3)
VIN = 0 V
−3
±5.2
µA
-40°C
≤ TJ ≤ 85°C
±5.8
DIBN
Bias Current Drift
11
nA/°C
Inverting Input Bias
Current
Pin 12, Feedback Point,
VIN = 0 V
−7
±10
-40°C
≤ TJ ≤ 85°C
±13
PSRR
Power Supply Rejection
Ratio(2)
DC, Input Referred
43
54
dB
-40°C
≤ TJ ≤ 85°C
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com