Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6574MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
AV = 2V/V
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
VOUT = 2 VPP
AV = 1, RF = 1.5 k:
AV = 2, RF = 575:
AV = 6, RF = 300:
AV = 10, RF = 180:
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMH6574
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
LMH6574 4:1 High Speed Video Multiplexer
1
1 Features
1
•
500 MHz, 500 mV
−3 dB Bandwidth, AV = 2
•
400 MHz, 2 VPP −3 dB Bandwidth, AV = 2
•
8 ns Channel Switching Time
•
70 dB Channel to Channel Isolation at 10 MHz
•
0.02%, 0.05° Diff. Gain, Phase
•
0.1 dB Gain Flatness to 150 MHz
•
2200 V/μs Slew Rate
•
Wide Supply Voltage Range: 6 V (±3 V) to 12 V
(±6 V)
•
−68 dB HD2 at 5 MHz
•
−84 dB HD3 at 5 MHz
2 Applications
•
Video Router
•
Multi Input Video Monitor
•
Instrumentation / Test Equipment
•
Receiver IF Diversity Switch
•
Multi Channel A/D Driver
•
Picture in Picture Video Switch
3 Description
The
LMH6574
is
a
high-performance
analog
multiplexer optimized for professional grade video
and
other
high
fidelity
high
bandwidth
analog
applications. The output amplifier selects any one of
four buffered input signals based on the state of the
two address bits. The LMH6574 provides a 400-MHz
bandwidth at 2 VPP output signal levels. Multimedia
and high definition television (HDTV) applications can
benefit from the LMH6574 0.1 dB bandwidth of 150
MHz and its 2200 V/μs slew rate.
The LMH6574 supports composite video applications
with its 0.02% and 0.05° differential gain and phase
errors for NTSC and PAL video signals while driving
a single, back terminated 75-
Ω load. An 80-mA linear
output current is available for driving multiple video
load applications.
The LMH6574 gain is set by external feedback and
gain set resistors for maximum flexibility.
The LMH6574 is available in the 14-pin SOIC
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMH6574
SOIC (14)
8.65 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Frequency Response vs VOUT
Frequency Response vs Gain


Similar Part No. - LMH6574MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6574MA/NOPB TI1-LMH6574MA/NOPB Datasheet
1Mb / 27P
LMH6574 4:1 High Speed Video Multiplexer
More results

Similar Description - LMH6574MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6574 TI1-LMH6574 Datasheet
1Mb / 27P
LMH6574 4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com