Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
0
20
40
60
80
100
-4
-3.8
-3.6
-3.4
-3.2
-3
-2.8
-2.6
-2.4
OUTPUT CURRENT (mA)
-100
-80
-60
-40
-20
0
2.8
3
3.2
3.4
3.6
3.8
4
OUTPUT CURRENT (mA)
0
1
2
3
4
5
8
OUTPUT VOLTAGE (VPP)
-100
-90
-80
-70
-60
-50
-40
6
7
f = 5 MHz
CH0
CH1
CH2
CH3
0
1
2
3
4
5
8
OUTPUT VOLTAGE (VPP)
-100
-90
-80
-70
-60
-50
-40
-30
6
7
f = 5 MHz
5
6
7
8
9
10
12
SUPPLY VOLTAGE (V)
-100
-95
-90
-85
-80
-75
-70
-65
-60
11
f = 5 MHz
VOUT = 2 VPP
CH1
CH2
CH0
CH3
5
6
7
8
9
10
12
SUPPLY VOLTAGE (V)
-100
-95
-90
-85
-80
-75
-70
-65
-60
11
f = 5 MHz
VOUT = 2 VPP
CH1
CH2
CH0
CH3
11
LMH6574
www.ti.com
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
VS = ±5 V, RL = 100 Ω, AV = 2, RF = RG = 575 Ω, unless otherwise specified.
Figure 19. HD2 vs VS
Figure 20. HD3 vs VS
Figure 21. HD2 vs VOUT
Figure 22. HD3 vs VOUT
Positive Value is current into device
Figure 23. Minimum VOUT vs IOUT
Positive Value is current into device
Figure 24. Maximum VOUT vs IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com