Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
FREQUENCY (MHz)
1
10
100
-100
-90
-80
-70
-60
-50
-40
CH3
CH2
CH1
CH0
VOUT = 2 VPP
FREQUENCY (MHz)
1
10
100
-100
-90
-80
-70
-60
-50
-40
HD3 ALL CHANNELS
VOUT = 2 VPP
0
20
40
60
80
100 120 140 160
TIME (ns)
-0.5
-0.25
0
0.25
0.5
0
2
4
6
VIN = 0V
AV = 2
VOUT
ENABLE
0
10
20
30
40
50
60
70
80
TIME (ns)
0
1
2
3
-0.25
0
0.25
0.5
-0.5
VOUT
ENABLE
0
20
40
60
80
100 120 140 160
TIME (ns)
-0.75
-0.5
-0.25
0
0.25
0.5
0
2
4
6
VIN = 0V
AV = 2
VOUT
SHUTDOWN
0
10
20
30
40
50
60
70
80
TIME (ns)
0
1
2
3
-0.25
0
0.25
0.5
-0.5
SHUTDOWN
VOUT
10
LMH6574
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
VS = ±5 V, RL = 100 Ω, AV = 2, RF = RG = 575 Ω, unless otherwise specified.
Figure 13. SHUTDOWN Switching
Figure 14. Shutdown Glitch
Figure 15. ENABLE Switching
Figure 16. Disable Glitch
Figure 17. HD2 vs Frequency
Figure 18. HD3 vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com