Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
LMH6574
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
Electrical Characteristics ±5 V (continued)
VS = ±5 V, RL = 100 Ω, AV = 2 V/V, RF = 575 Ω, TJ = 25 °C, unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
(4)
The maximum output current (IOUT) is determined by the device power dissipation limitations (The junction temperature cannot be
allowed to exceed 150°C). See the Power Dissipation for more details. A short circuit condition should be limited to 5 seconds or less.
ICC
Supply Current(2)
No Load
13
16
mA
-40°C
≤ TJ ≤ 85°C
18
Supply Current
Disabled(2)
ENABLE > 2 V
4.7
6.2
mA
-40°C
≤ TJ ≤ 85°C
6.3
Supply Current
Shutdown
SHUTDOWN > 2 V
1.8
2.5
mA
-40°C
≤ TJ ≤ 85°C
2.6
VIH
Logic High Threshold(2)
Select & Enable Pins (SD & EN)
2.0
V
VIL
Logic Low Threshold(2)
Select & Enable Pins (SD & EN)
0.8
V
IiL
Logic Pin Input Current
Low(3)
Logic Input = 0 V Select &
Enable Pins (SD & EN)
−3.3
−1
µA
-40°C
≤ TJ ≤ 85°C
–9
IiH
Logic Pin Input Current
High(3)
Logic Input = 2.0 V, Select
& Enable Pins (SD & EN)
47
68
µA
-40°C
≤ TJ ≤ 85°C
72.5
MISCELLANEOUS PERFORMANCE
RIN+
Input Resistance
5
k
Ω
CIN
Input Capacitance
0.8
pF
ROUT
Output Resistance
Output Active, (EN and SD < 0.8 V)
0.04
Ω
ROUT
Output Resistance
Output Disabled, (EN or SD > 2 V)
3000
Ω
COUT
Output Capacitance
Output Disabled, (EN or SD > 2 V)
3.1
pF
VO
Output Voltage Range
No Load
±3.54
±3.7
V
-40°C
≤ TJ ≤ 85°C
±3.53
VOL
RL = 100 Ω
±3.18
±3.5
V
-40°C
≤ TJ ≤ 85°C
±3.17
CMIR
Input Voltage Range
±2.5
±2.6
V
IO
Linear Output
Current(2)(3)
VIN = 0 V
+60
±80
mA
-70
-40°C
≤ TJ ≤ 85°C
+50
-40°C
≤ TJ ≤ 85°C
−60
ISC
Short Circuit Current(4)
VIN = ±2 V, Output Shorted to Ground
±230
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com