Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 17Page - SMSC Corporation USB3300 Datasheet HTML 18Page - SMSC Corporation USB3300 Datasheet HTML 19Page - SMSC Corporation USB3300 Datasheet HTML 20Page - SMSC Corporation USB3300 Datasheet HTML 21Page - SMSC Corporation USB3300 Datasheet HTML 22Page - SMSC Corporation USB3300 Datasheet HTML 23Page - SMSC Corporation USB3300 Datasheet HTML 24Page - SMSC Corporation USB3300 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
21
Revision 1.08 (11-07-07)
DATASHEET
In Figure 6.2, "ULPI Digital Block Diagram", a single ULPI Protocol Block decodes the ULPI 8-bit bi-
directional bus when the Link addresses the PHY. The Link must use the DIR output to determine
direction of the ULPI data bus. The USB3300 is the “bus arbitrator”. The ULPI Protocol Block will route
data/commands to the transmitter or the ULPI register array.
6.1.2
ULPI Interface Signals
UTMI+ Low Pin Interface (ULPI) uses 12-pins to connect a full OTG Host / Device PHY to an SOC.
A reduction of external pins on the PHY is accomplished by realizing that many of the relatively static
configuration pins (xcvrselect[1:0], termselect, opmode[1:0], and DpPullDown DmPulldown to list a
few,) can be implemented by having a internal static register array.
An 8-bit bi-directional data bus clocked at 60Mhz allows the Link to access this internal register array
and transfer USB packets to and from the PHY. The remaining 3 pins function to control the data flow
and arbitrate the data bus.
Direction of the 8-bit data bus is control by the DIR output from the PHY. Another output NXT is used
to control data flow into and out of the device. Finally, STP, which is in input to the PHY, terminates
transfers and is used to start up and resume from a suspend state.
The 12 signals are described below in Table 6.1, "ULPI Interface Signals".
USB3300 implements a Single Data Rate (SDR) ULPI interface with all data transfers happening on
the rising edge of the CLKOUT. CLKOUT is supplied by the PHY.
The ULPI interface supports the two basic modes of operation, Synchronous Mode and Low Power
Mode. Synchronous Mode with the signals all changing relative to the 60MHz clockout. Low Power
Mode where the clock is off in a suspended state and the lower two bits of the data bus contain the
linestate[1:0] signals. ULPI adds to Low Power Mode, an interrupt output which permits the Link to
receive an asynchronous interrupt when the OTG comparators, or ID pin change state.
In Synchronous Mode operation, data is transferred on the rising edge of CLKOUT. Direction of the
data bus is determined by the state of DIR. When DIR is high, the PHY is driving DATA[7:0]. When
DIR is low, the Link is driving DATA[7:0].
Table 6.1 ULPI Interface Signals
SIGNAL
DIRECTION
DESCRIPTION
CLKOUT
OUT
60MHz reference clock output. All ULPI signals are driven synchronous to the
rising edge of this clock.
DATA[7:0]
I/O
8-bit bi-directional data bus. Bus ownership is determined by DIR. The Link and
PHY initiate data transfers by driving a non-zero pattern onto the data bus. ULPI
defines interface timing for a single-edge data transfers with respect to rising edge
of CLKOUT.
DIR
OUT
Controls the direction of the data bus. When the PHY has data to transfer to the
Link, it drives DIR high to take ownership of the bus. When the PHY has no data
to transfer it drives DIR low and monitors the bus for commands from the Link. The
PHY will pull DIR high whenever the interface cannot accept data from the Link,
such as during PLL start-up.
STP
IN
The Link asserts STP for one clock cycle to stop the data stream currently on the
bus. If the Link is sending data to the PHY, STP indicates the last byte of data was
on the bus in the previous cycle.
NXT
OUT
The PHY asserts NXT to throttle the data. When the Link is sending data to the
PHY, NXT indicates when the current byte has been accepted by the PHY. The
Link places the next byte on the data bus in the following clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com