Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 37 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 33Page - SMSC Corporation USB3300 Datasheet HTML 34Page - SMSC Corporation USB3300 Datasheet HTML 35Page - SMSC Corporation USB3300 Datasheet HTML 36Page - SMSC Corporation USB3300 Datasheet HTML 37Page - SMSC Corporation USB3300 Datasheet HTML 38Page - SMSC Corporation USB3300 Datasheet HTML 39Page - SMSC Corporation USB3300 Datasheet HTML 40Page - SMSC Corporation USB3300 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
37
Revision 1.08 (11-07-07)
DATASHEET
In some cases, a Link may be software configured and not have control of its STP pin until after the
PHY has started. In this case, the USB3300 has an internal pull-up on the STP input pad which will
pull STP high while the Link’s STP output is tri-stated. The STP pull-up resistor is enabled on POR
and can be disabled by setting the InterfaceProtectDisable bit 7 of the Interface Control register.
The STP pull-up resistor will pull-up the Link’s STP input high until the Link configures and drives STP
high. Once the Link completes its start-up, STP can be synchronously driven low.
A Link design which drives STP high during POR can disable the pull-up resistor on STP by setting
InterfaceProtectDisable
bit to 1. A motivation for this is to reduce the suspend current. In Low Power
Mode, STP is held low, which would draw current through the pull-up resistor on STP.
WARM RESET
Designers should also consider the case of a warm restart of a Link with a PHY in Low Power Mode.
Once the PHY enters Low Power Mode, DIR is asserted and the clock is stopped. The USB3300 looks
for STP to be asserted to re-start the clock and then resume normal synchronous operation.
Should the USB3300 be suspended in Low Power Mode, and the Link receives a hardware reset,
provision is made to allow the PHY to recover from Low Power Mode and start its clock. If the Link
asserts STP on reset, the PHY will exit Low Power Mode and start its clock.
If the Link does not assert STP on reset the interface protection pull-up can be used. When the Link
is reset, its STP output will tri-state and the pull-up resistor will pull STP high, signaling the PHY to
restart its clock.
6.1.9.4
Minimizing Current in Low Power Mode
In order to minimize the suspend current in Low Power Mode, the OTG comparators can be disabled
to reduce suspend current. During suspend, the VbusVld and SessEnd comparators are not needed
and can be disabled using the USB Interrupt Enable Rise and USB Interrupt Enable Fall registers. By
disabling the interrupt in BOTH the rise and fall registers, the SessEnd and VbusVld comparators are
turned off. When exiting suspend, the Link should immediately re-enable the comparators if host or
OTG functionality is needed.
In addition to disabling the OTG comparators in suspend, the Link may choose to disable the Interface
Protect Circuit. By setting the Interface Control, bit 7, InterfaceProtectDisable high, the Link can disable
the pull-up resistor on STP.
6.1.10
Full Speed/Low Speed Serial Modes
The USB3300 includes two serial modes to support legacy Links which use either the 3pin or 6pin
serial format. To enter either serial mode, the Link will need to write a 1 to the 6-pin FsLsSerialMode
or the 3-pin FsLsSerialMode bit in the Interface control register. The 6-pin Serial Mode is provided for
legacy link designs and is not recommended for new designs.
The serial modes are entered in the same manner as the entry into Low Power Mode. The Link writes
the Interface Control register bit for the specific serial mode. The USB3300 will assert DIR and shut
off the clock after at least five clock cycles. Then the data bus goes to the format of the serial mode
selected.
By default, the PHY will shut off the 60MHz clock to conserve power. Should the Link need the 60Mhz
clock to continue during the serial mode of operation, the ClockSuspendM bit[3] of the Interface Control
Register should be set before entering a serial mode. If set, the 60 Mhz clock will be present during
serial modes.
In serial mode, interrupts are possible from unmasked sources. The state of each interrupt source is
sampled prior to the assertion of DIR and this is compared against the asynchronous level from
interrupt source.
Exiting the serial modes is the same as exiting Low Power Mode. The Link must assert STP to signal
the PHY to exit serial mode. Then the PHY can accept a command, DIR is de-asserted and the PHY
will wait until the Link de-asserts STP to resume synchronous ULPI operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com