Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 29Page - SMSC Corporation USB3300 Datasheet HTML 30Page - SMSC Corporation USB3300 Datasheet HTML 31Page - SMSC Corporation USB3300 Datasheet HTML 32Page - SMSC Corporation USB3300 Datasheet HTML 33Page - SMSC Corporation USB3300 Datasheet HTML 34Page - SMSC Corporation USB3300 Datasheet HTML 35Page - SMSC Corporation USB3300 Datasheet HTML 36Page - SMSC Corporation USB3300 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
33
Revision 1.08 (11-07-07)
DATASHEET
During transmit the PHY will use NXT to control the rate of data flow into the PHY. If the USB3300
pipeline is full or bit-stuffing causes the data pipeline to overfill NXT is de-asserted and the Link will
hold the value on Data until NXT is asserted. The USB Transmit ends when the Link asserts STP while
NXT is asserted. (Note that the Link cannot assert STP with NXT de-asserted since the USB3300 is
expecting to fetch another byte from the Link in this state).
Once, the USB3300 completes transmitting, the DP/DM lines return to idle and an RXD CMD is
returned to the Link so the inter-packet timers may be updated by linestate.
In the case of Full Speed or Low Speed, once STP is asserted each FS/LS bit transition will generate
a RXD CMD since the bit times are relatively slow.
6.1.8
USB3300 Receiver
The USB3300 ULPI receiver fully supports HS, FS, and LS transmit operations. In all three modes the
receiver detects the start of packet and synchronizes to the incoming data packet. In the ULPI protocol,
a received packet has the priority and will immediately follow register reads and RXD CMD transfers.
Figure 6.7, "ULPI Receive" shows a basic USB packet received by the USB3300 over the ULPI
interface.
Figure 6.6 ULPI Transmit
DATA[7:0]
DP/DM
DIR
CLK
STP
NXT
TXDCMD
(USBtx)
Idle
D0
D2
D3
IDLE
SE0
!SQUELCH
SE0
Turn
Around
Turn
Around
RXD
CMD
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com