Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 28 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 24Page - SMSC Corporation USB3300 Datasheet HTML 25Page - SMSC Corporation USB3300 Datasheet HTML 26Page - SMSC Corporation USB3300 Datasheet HTML 27Page - SMSC Corporation USB3300 Datasheet HTML 28Page - SMSC Corporation USB3300 Datasheet HTML 29Page - SMSC Corporation USB3300 Datasheet HTML 30Page - SMSC Corporation USB3300 Datasheet HTML 31Page - SMSC Corporation USB3300 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
28
SMSC USB3300
DATASHEET
6.1.4.12
Debug Register: Address = 15h (read only)
6.1.4.13
Scratch Register: Address = 16-18h (read), 16h (write), 17h (set), 18h (clear)
6.1.4.14
Carkit Register Access
The Carkit registers are reserved for SMSC testing and should not be written to or read by the Link.
6.1.4.15
Extended Register Access
The extended registers are reserved for SMSC testing and should not be written to or read by the Link.
6.1.4.16
Vendor Register Access
The vendor specific registers are reserved for SMSC testing and should not be written to or read by
the Link. The vendor specific registers include the range from 30h to 3Fh.
6.1.5
ULPI Register Access
A command from the Link begins a ULPI transfer from the Link to the USB3300. Anytime the Link
wants to write or read a ULPI register, the Link will need to wait until DIR is low, and then send a
Transmit Command Byte (TXD CMD) to the PHY. The TXD CMD byte informs the PHY of the type of
data being sent. The TXD CMD is followed by the a data transfer to or from the PHY. Table 6.4, "ULPI
TXD CMD Byte Encoding" gives the TXD command byte (TXD CMD) encoding for the USB3300. The
upper two bits of the TX CMD instruct the PHY as to what type of packet the Link is transmitting.
FIELD NAME
BIT
DEFAULT
DESCRIPTION
Linestate0
0
0b
Contains the current value of Linestate[0].
Linestate1
1
0b
Contains the current value of Linestate[1].
Reserved
7:2
000000b
Driven low.
FIELD NAME
BIT
DEFAULT
DESCRIPTION
Scratch
7:0
00h
Empty register byte for testing purposes. Software can read,
write, set, and clear this register and the PHY functionality will
not be affected.
Table 6.4 ULPI TXD CMD Byte Encoding
COMMAND NAME
CMD
BITS[7:6]
CMD BITS[5:0]
COMMAND DESCRIPTION
Idle
00b
000000b
ULPI Idle
Transmit
01b
000000b
USB Transmit Packet with No Packet Identifier
(NOPID)
00XXXXb
USB Transmit Packet Identifier (PID) where DATA[3:0]
is equal to the 4-bit PID. P3P2P1P0 where P3 is the
MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com