Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 49 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 45Page - SMSC Corporation USB3300 Datasheet HTML 46Page - SMSC Corporation USB3300 Datasheet HTML 47Page - SMSC Corporation USB3300 Datasheet HTML 48Page - SMSC Corporation USB3300 Datasheet HTML 49Page - SMSC Corporation USB3300 Datasheet HTML 50Page - SMSC Corporation USB3300 Datasheet HTML 51Page - SMSC Corporation USB3300 Datasheet HTML 52Page - SMSC Corporation USB3300 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
49
Revision 1.08 (11-07-07)
DATASHEET
Figure 7.3 USB3300 Application Diagram (Peripheral with Over Voltage Protection)
Link Controller
USB3300
RBIAS
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
VDD3.3
VDD3.3
VBUS
DM
DP
ID
RESET
USB
Receptacle
DM
DP
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
7
8
32
GNDFLAG
2
3
VBUS
1
SHIELD
GND
16
6
4
5
CBYP
CVBUS
3.3V
Supply
VDDA1.8
29
CDC_BLOCK
12.0k
1%
Steady state voltage at the VBUS pin must
not be allowed to exceed VVBUS.
NC
17
18
19
20
21
22
23
24
13
11
12
14
9
COUT
XI
28
CPEN
3
NC
XO
27
1M
Ω
CLOAD
CLOAD
REG_EN
VDD3.3
30
31
VDD1.8
26
12
VDD1.8
15
COUT
VDD3.3
25
EXTVBUS
10
NC
The capacitor CVBUS
must be installed on
this side of RVBUS.
Over-voltage device may be desired to
protect against out-of-spec chargers.
Optional
Over-voltage
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com