Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 1 Page - SMSC Corporation

  USB3300 Datasheet HTML 1Page - SMSC Corporation USB3300 Datasheet HTML 2Page - SMSC Corporation USB3300 Datasheet HTML 3Page - SMSC Corporation USB3300 Datasheet HTML 4Page - SMSC Corporation USB3300 Datasheet HTML 5Page - SMSC Corporation USB3300 Datasheet HTML 6Page - SMSC Corporation USB3300 Datasheet HTML 7Page - SMSC Corporation USB3300 Datasheet HTML 8Page - SMSC Corporation USB3300 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
SMSC USB3300
DATASHEET
Revision 1.08 (11-07-07)
Datasheet
PRODUCT FEATURES
USB3300
Hi-Speed USB Host,
Device or OTG PHY with
ULPI Low Pin Interface
USB-IF Hi-Speed certified to the Universal Serial Bus
Specification Rev 2.0
Interface compliant with the ULPI Specification
revision 1.1 in 8-bit mode
Industry standard UTMI+ Low Pin Interface (ULPI)
Converts 54 UTMI+ signals into a standard 12 pin
Link controller interface
54.7mA Unconfigured Current (typical) - ideal for bus
powered applications
83uA suspend current (typical) - ideal for battery
powered applications
Latch-Up performance exceeds 150 mA per
EIA/JESD 78, Class II
ESD protection levels of ±8kV HBM without external
protection devices
Integrated protection to withstand IEC61000-4-2 ESD
tests (±8kV contact and ±15kV air) per 3rd party test
facility
Supports FS pre-amble for FS hubs with a LS device
attached (UTMI+ Level 3)
Supports HS SOF and LS keep-alive pulse
Includes full support for the optional On-The-Go
(OTG) protocol detailed in the On-The-Go
Supplement Revision 1.0a specification
Supports the OTG Host Negotiation Protocol (HNP)
and Session Request Protocol (SRP)
Allows host to turn VBUS off to conserve battery
power in OTG applications
Supports OTG monitoring of VBUS levels with
internal comparators. Includes support for an external
VBUS or fault monitor.
Low Latency Hi-Speed Receiver (43 Hi-Speed clocks
Max) allows use of legacy UTMI Links with a ULPI
wrapper
Integrated Pull-up resistor on STP for interface
protection allows a reliable Link/PHY start-up with
slow Links (software configured for low power)
Internal 1.8 volt regulators allow operation from a
single 3.3 volt supply
Internal short circuit protection of ID, DP and DM
lines to VBUS or ground
Integrated 24MHz Crystal Oscillator supports either
crystal operation or 24MHz external clock input
Internal PLL for 480MHz Hi-Speed USB operation
Industrial Operating Temperature -40
°C to +85°C
32 pin, QFN lead-free RoHS Compliant package
(5 x 5 x 0.90 mm height)
Applications
The USB3300 is the ideal companion to any ASIC, SoC
or FPGA solution designed with a ULPI Hi-Speed USB
host, peripheral or OTG core.
The USB3300 is well suited for:
Cell Phones
PDAs
MP3 Players
Scanners
External Hard Drives
Digital Still and Video Cameras
Portable Media Players
Printers


Similar Part No. - USB3300

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3300 SMSC-USB3300 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
logo
SMSC Corporation
USB3300-EZK SMSC-USB3300-EZK Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3300-EZK SMSC-USB3300-EZK Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
More results

Similar Description - USB3300

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com