Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 5Page - SMSC Corporation USB3300 Datasheet HTML 6Page - SMSC Corporation USB3300 Datasheet HTML 7Page - SMSC Corporation USB3300 Datasheet HTML 8Page - SMSC Corporation USB3300 Datasheet HTML 9Page - SMSC Corporation USB3300 Datasheet HTML 10Page - SMSC Corporation USB3300 Datasheet HTML 11Page - SMSC Corporation USB3300 Datasheet HTML 12Page - SMSC Corporation USB3300 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
9
Revision 1.08 (11-07-07)
DATASHEET
Chapter 2 Functional Overview
The USB3300 is a highly integrated USB PHY. It contains a complete Hi-Speed USB 2.0 PHY with the
ULPI industry standard interface to support fast time to market for a USB product. The USB3300 is
composed of the functional blocks shown in Figure 2.1 below. Details of these individual blocks are
described in Chapter 6, "Architecture Overview," on page 19.
Figure 2.1 USB3300 Block Diagram
ULPI Digital
OTG
Module
DATA[7:0]
24 MHz
XTAL
Internal
Regulator &
POR
5V
Power
Supply
Bias
Gen.
CLKOUT
NXT
DIR
STP
VDD3.3
XTAL &
PLL
CPEN
VBUS
ID
VDD3.3
DP
DM
USB3300
RBIAS
EXTVBUS
FAULT
Mini-AB
USB
Connector
HS XCVR
FS/LS
XCVR
Resistors
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com