Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 40 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 36Page - SMSC Corporation USB3300 Datasheet HTML 37Page - SMSC Corporation USB3300 Datasheet HTML 38Page - SMSC Corporation USB3300 Datasheet HTML 39Page - SMSC Corporation USB3300 Datasheet HTML 40Page - SMSC Corporation USB3300 Datasheet HTML 41Page - SMSC Corporation USB3300 Datasheet HTML 42Page - SMSC Corporation USB3300 Datasheet HTML 43Page - SMSC Corporation USB3300 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
40
SMSC USB3300
DATASHEET
Note:
This is the same as Table 40, Section 4.4 of the ULPI 1.1 specification.
6.2.3
Bias Generator
This block consists of an internal bandgap reference circuit used for generating the driver current and
the biasing of the analog circuits. This block requires an external 12K
Ω, 1% tolerance, external
reference resistor connected from RBIAS to ground.
6.3
Crystal Oscillator and PLL
The USB3300 uses an internal crystal driver and PLL sub-system to provide a clean 480MHz reference
clock that is used by the PHY during both transmit and receive. The USB3300 requires a clean 24MHz
crystal or clock as a frequency reference. If the 24MHz reference is noisy or off frequency the PHY
may not operate correctly.
The USB3300 can use either a crystal or an external clock oscillator for the 24MHz reference. The
crystal is connected to the XI and XO pins as shown in the application diagram, Figure 7.1. If a clock
oscillator is used the clock should be connected to the XI input and the XO pin left floating. When a
external clock is used the XI pin is designed to be driven with a 0 to 3.3 volt signal. When using an
external clock the user needs to take care to ensure the external clock source is clean enough to not
corrupt the high speed eye performance.
Once the 480MHz PLL has locked to the correct frequency it will drive the CLKOUT pin with a 60MHz
clock. The USB3300 is guaranteed to start the clock within the time specified in Table 5.2, "Electrical
Characteristics: CLKOUT Start-Up". The USB3300 does not support using an external 60MHz clock
input.
For Host Applications the USB3300 implements the ULPI AutoResume bit in the Interface Control
register. The default AutoResume state is 0 and this bit should be enabled for Host applications. For
more details please see sections 7.1.77 and 7.9 of the USB specification.
Peripheral LS Resume
10b
1b
10b
0b
0b
0b
1b
0b
0b
0b
Peripheral Test J/Test K
00b
0b
10b
0b
0b
0b
0b
0b
0b
1b
OTG device, Peripheral Chirp
00b
1b
10b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS
00b
0b
00b
0b
1b
0b
0b
0b
1b
1b
OTG device, Peripheral FS
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Suspend
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Resume
01b
1b
10b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral Test J/Test K
00b
0b
10b
0b
1b
0b
0b
0b
1b
1b
Table 6.8 DP/DM termination vs. Signaling Mode (continued)
SIGNALING MODE
REGISTER SETTINGS
RESISTOR SETTINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com