Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 35Page - SMSC Corporation USB3300 Datasheet HTML 36Page - SMSC Corporation USB3300 Datasheet HTML 37Page - SMSC Corporation USB3300 Datasheet HTML 38Page - SMSC Corporation USB3300 Datasheet HTML 39Page - SMSC Corporation USB3300 Datasheet HTML 40Page - SMSC Corporation USB3300 Datasheet HTML 41Page - SMSC Corporation USB3300 Datasheet HTML 42Page - SMSC Corporation USB3300 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
39
Revision 1.08 (11-07-07)
DATASHEET
by the Link. The state of the resistors is determined by the operating mode of the PHY. The possible
valid resistor combinations are shown in Table 6.8, "DP/DM termination vs. Signaling Mode". Operation
is guaranteed in the configurations given in the table below.
RPU_DP_EN activates the 1.5kΩ DP pull-up resistor
RPU_DM_EN activates the 1.5kΩ DM pull-up resistor
RPD_DP_EN activates the 15kΩ DP pull-down resistor
RPD_DM_EN activates the 15kΩ DM pull-down resistor
HSTERM_EN activates the 45Ω DP and DM high speed termination resistors
Table 6.8 DP/DM termination vs. Signaling Mode
SIGNALING MODE
REGISTER SETTINGS
RESISTOR SETTINGS
General Settings
Tri-State Drivers
XXb
Xb
01b
Xb
Xb
0b0b0b0b0b
Power-up or Vbus < VSESSEND
01b
0b
00b1b
1b
0b0b1b1b0b
Host Settings
Host Chirp
00b
0b
10b1b
1b
0b0b1b1b1b
Host Hi-Speed
00b
0b
00b1b
1b
0b0b1b1b1b
Host Full Speed
X1b
1b
00b1b
1b
0b0b1b1b0b
Host HS/FS Suspend
01b
1b
00b1b
1b
0b0b1b1b0b
Host HS/FS Resume
01b
1b
10b1b
1b
0b0b1b1b0b
Host low Speed
10b
1b
00b1b
1b
0b0b1b1b0b
Host LS Suspend
10b
1b
00b
1b
1b
0b
0b
1b
1b
0b
Host LS Resume
10b
1b
10b1b
1b
0b0b1b1b0b
Host Test J/Test_K
00b
0b
10b1b
1b
0b0b1b1b1b
Peripheral Settings
Peripheral Chirp
00b
1b
10b
0b
0b
1b
0b
0b
0b
0b
Peripheral HS
00b
0b
00b
0b
0b
0b
0b
0b
0b
1b
Peripheral FS
01b
1b
00b
0b
0b
1b
0b
0b
0b
0b
Peripheral HS/FS Suspend
01b
1b
00b
0b
0b
1b
0b
0b
0b
0b
Peripheral HS/FS Resume
01b
1b
10b
0b
0b
1b
0b
0b
0b
0b
Peripheral LS
10b
1b
00b
0b
0b
0b
1b
0b
0b
0b
Peripheral LS Suspend
10b
1b
00b
0b
0b
0b
1b
0b
0b
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com