Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV712TL/NOPB Datasheet HTML 9Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 10Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 11Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 12Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 13Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 14Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 15Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 16Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
1k
10k
100k
1M
10M
-20
-10
0
10
20
30
40
50
60
70
80
90
60
30
0
VS = 2.7V
CL = 100pF
CL = 100pF
CL = 1000pF
CL = 0pF
CL = 0pF
CL = 1000pF
FREQUENCY (Hz)
FREQUENCY (Hz)
1k
10k
100k
1M
10M
-20
-10
0
10
20
30
40
50
60
70
80
90
60
30
0
VS = 5V
CL = 100pF
CL = 0pF
CL = 100pF
CL = 1000pF
CL = 0pF
CL = 1000pF
90
60
30
0
1k
10k
100k
1M
10M
-20
-10
0
10
20
30
40
50
60
70
80
FREQUENCY (Hz)
RL = 600:
VS = 5V
RL = 10k:
RL = 600:
RL = 10k:
1k
10k
100k
1M
10M
-20
-10
0
10
20
30
40
50
60
70
80
90
60
30
0
600:
600:
10k:
10k:
VS = 2.7V
FREQUENCY (Hz)
0
10
20
30
40
50
100
10
100
1k
10k
100k
FREQUENCY (Hz)
60
70
80
90
1M
VS = 2.7V
dVCM = 0.2V TO 1.2V
0
10
20
30
40
50
100
10
100
1k
10k
100k
FREQUENCY (Hz)
60
70
80
90
1M
VS = 5V
dVCM = 2V TO 3V
13
LMV712-N, LMV712-N-Q1
www.ti.com
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VS = 5 V, and single supply (unless otherwise noted)
Figure 13. CMRR vs Frequency
Figure 14. CMRR vs Frequency
Figure 15. Open Loop Frequency Response vs RL
Figure 16. Open Loop Frequency Response vs RL
Figure 17. Open Loop Frequency Response vs CL
Figure 18. Open Loop Frequency Response vs CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com