Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV712TL/NOPB Datasheet HTML 1Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 2Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 3Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 4Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 5Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 6Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 7Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
RF Signal
IN
OUT
U1
GSM PA
VPC
Directional Coupler
C2
U2
Input
Coupled
Load
Output
C4
BIAS
VCC
GSM
ANTENNA
R5
RLOAD
R2
R3
C5
+
±
OUT
C3
R1
VCC
U3
V-
R4
SD
Shut Down
Ramp
Up/Down
V+
Schottky Diode
Detector
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMV712-N, LMV712-N-Q1
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational
Amplifier With Independent Shutdown
1
1 Features
1
•
Available In Automotive AEC-Q100 Grade 1
Version (LMV712-N Only)
•
5-MHz GBP
•
Slew Rate: 5 V/µs
•
Low Noise: 20 nV/
√Hz
•
Supply Current: 1.22 mA/Channel
•
VOS< 3 mV Maximum
•
Ensured 2.7-V and 5-V Specifications
•
Temperature Range: –40°C to 125°C
•
Rail-to-Rail Inputs and Outputs
•
Unity Gain Stable
•
Small Package: 10-Pin DSBGA, 10-Pin WSON,
and 10-Pin VSSOP
•
1.5-µA Shutdown ICC
•
2.2-µs Turnon
2 Applications
•
Power Amplifier Control Loops
•
Cellular Phones
•
Portable Equipment
•
Wireless LAN
•
Radio Systems
•
Cordless Phones
3 Description
The
LMV712-N
devices
are
high-performance
BiCMOS
operational
amplifiers
intended
for
applications requiring rail-to-rail inputs combined with
speed and low noise. They offer a bandwidth of
5 MHz and a slew rate of 5 V/µs, and can handle
capacitive loads of up to 200 pF without oscillation.
The LMV712-N is ensured to operate from 2.7 V to
5.5 V and offers two independent shutdown pins. This
feature allows disabling of each device separately
and reduces the supply current to less than 1 µA
typical. The output voltage rapidly ramps up smoothly
with no glitch as the amplifier comes out of the
shutdown mode.
The LMV712-N with the shutdown feature is offered
in space-saving 10-pin DSBGA and 10-pin WSON
packages. It is also offered in 10-pin VSSOP
package. These packages are designed to meet the
demands of small size, low power, and low cost
required by cellular phones and similar battery-
operated portable electronics.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMV712-N
DSBGA (10)
1.75 mm × 2.25 mm
WSON (10)
3.00 mm × 3.00 mm
LMV712-N,
LMV712-N-Q1
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Power Amplifier Control Loop


Similar Part No. - LMV712TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV712TL/NOPB TI1-LMV712TL/NOPB Datasheet
1Mb / 24P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
More results

Similar Description - LMV712TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
Texas Instruments
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
LMV712-N TI1-LMV712-N Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TL TI-LMV712TL Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com