Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMV712TL/NOPB Datasheet HTML 18Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 19Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 20Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 21Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 22Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 23Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 24Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 25Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
GND
R3
R1
C4
C3
C2
GND
R4
V+
+INB
-INB
OUTB
V+
SDB
SDA
V-
+INA
-INA
OUTA
VOUT
VIN
ShutDown
VOUT
ShutDown
VIN
V-
GND
R2
C1
Copyright © 2016, Texas Instruments Incorporated
22
LMV712-N, LMV712-N-Q1
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.3.2 Detailed Design Procedure
There are four critical sections in the GSM Power Amplifier Control Loop. The class-C RF power amplifier
provides amplification of the RF signal. A directional coupler couples small amount of RF energy from the output
of the RF P. A. to an envelope detector diode. The detector diode senses the signal level and rectifies it to a DC
level to indicate the signal strength at the antenna. An op amp is used as an error amplifier to process the diode
voltage and ramping voltage. This loop control the power amplifier gain through the op amp and forces the
detector diode voltage and ramping voltage to be equal. Power control is accomplished by changing the ramping
voltage.
The LMV712-N is well suited as an error amplifier in this application. The LMV712-N has an extra shutdown pin
to switch the op amp to shutdown mode. In shutdown mode, the LMV712-N consumes very low current.
Therefore, the power amplifier can be turned off to save battery life. The LMV712-N output is tri-stated when in
shutdown.
9 Power Supply Recommendations
For proper operation, the power supplies must be properly decoupled. For decoupling the supply lines, TI
recommends that 10-nF capacitors be placed as close as possible to the power supply pins of the operational
amplifier. For single supply, place a capacitor between V+ and V– supply leads. For dual supplies, place one
capacitor between V+ and ground, and one capacitor between V– and ground.
10 Layout
10.1 Layout Guidelines
To properly bypass the power supply, several locations on a printed circuit board must be considered. A 6.8 µF
or greater tantalum capacitor must be placed at the point where the power supply for the amplifier is introduced
onto the board. Another 0.1-µF ceramic capacitor must be placed as close as possible to the power supply pin of
the amplifier. If the amplifier is operated in a single power supply, only the V+ pin requires bypassing with a 0.1-
µF capacitor. If the amplifier is operated in a dual power supply, both V+ and V– pins must be bypassed.
It is good practice to use a ground plane on a printed circuit board to provide all components with a low inductive
ground connection.
Surface mount components in 0805 size or smaller are recommended in the LMV712-N application circuits.
Designers can take advantage of the DSBGA, WSON, and VSSOP miniature sizes to condense board layout to
save space and reduce stray capacitance.
10.2 Layout Example
Figure 38. Sample Layout of VSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com