Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV712TL/NOPB Datasheet HTML 7Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 9Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 10Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 11Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 12Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 13Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 14Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
2.7
3.0
3.5
4.0
4.5
5.0
40
60
80
100
140
160
VS (V)
120
85°C
25°C
-40°C
2.7
3.0
3.5
4.0
4.5
5.0
40
50
60
70
90
100
VS (V)
80
85°C
25°C
-40°C
0
1
2
3
4
5
-1200
-1000
-800
-600
-400
-200
0
VCM (V)
-40°C
25°C
85°C
0
1
2
4
5
VCM (V)
0.01
0.1
1
10
100
3
+85°C
+70°C
+50°C
+25°C
0°C
-25°C
-40°C
2.7
3.0
3.5
4.0
4.5
5.0
0.5
0.7
0.9
1.1
1.3
1.5
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
2.7
3.0
3.5
4.0
4.5
5.0
0.2
0.3
0.4
0.5
0.6
SUPPLY VOLTAGE (V)
11
LMV712-N, LMV712-N-Q1
www.ti.com
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
TA = 25°C, VS = 5 V, and single supply (unless otherwise noted)
Figure 1. Supply Current Per Channel vs Supply Voltage
Figure 2. Supply Current vs Supply Voltage (Shutdown)
Figure 3. VOS vs VCM
Figure 4. IB vs VCM Over Temperature
RL = 600 Ω
Figure 5. Output Positive Swing vs Supply Voltage
RL = 600 Ω
Figure 6. Output Negative Swing vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com