Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV712TL/NOPB Datasheet HTML 15Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 16Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 17Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 18Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 19Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 20Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 21Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 22Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Copyright © 2016, Texas Instruments Incorporated
±
+
ICHARGE
±
+
RSENSE
0.2
2 k
Ÿ
2 k
Ÿ
R2
R1
Load
10 k
Ÿ
R3
VOUT
Q1
2N3906
V
+
SENSE
3
OUT
Ch arg e
Ch arg e
1
R
R
V
I
1
I
R
x
x
: x
19
LMV712-N, LMV712-N-Q1
www.ti.com
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMV712-N devices are dual op amps derived from the LMV711 single op amp. Figure 34 contains a
simplified schematic of one channel of the LMV712-N.
8.2 Typical Applications
8.2.1 High-Side Current-Sensing
Figure 34. High-Side, Current-Sensing Schematic
8.2.1.1 Design Requirements
The high-side, current-sensing circuit (Figure 34) is commonly used in a battery charger to monitor charging
current to prevent over charging. A sense resistor RSENSE is connected to the battery directly. This system
requires an op amp with rail-to-rail input. The LMV712-N is ideal for this application because its common-mode
input range goes up to the rail.
8.2.1.2 Detailed Design Procedure
As seen in (Figure 34), the ICHARGE current flowing through sense resistor RSENSE develops a voltage drop equal
to VSENSE. The voltage at the negative sense point is now less than the positive sense point by an amount
proportional to the VSENSE voltage.
The low-bias currents of the LMV712-N causes little voltage drop through R2, so the negative input of the
LMV712-N amplifier is at essentially the same potential as the negative sense input.
The LMV712-N detects this voltage error between its inputs and servo the transistor base to conduct more
current through Q1, increasing the voltage drop across R1 until the LMV712-N inverting input matches the
noninverting input. At this point, the voltage drop across R1 now matches VSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com