Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV712TL/NOPB Datasheet HTML 12Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 13Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 14Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 15Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 16Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 17Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 18Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 19Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
CLASS AB
CONTROL
BIAS
CONTROL
MP3
MP4
MP1
MP2
MN2
MN4
MN3
MN1
Q2
Q1
Q3
Q4
Q5
Q6
OUT
IN
+
V
-
SD
IN
-
IN
VBIAS
VBIAS
IP
V
+
Copyright © 2016, Texas Instruments Incorporated
16
LMV712-N, LMV712-N-Q1
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMV712-N features low voltage, low power, and rail-to-rail output operational amplifiers designed for low-
voltage portable applications.
7.2 Functional Block Diagram
7.3 Feature Description
Rail-to-rail input is achieved by using in parallel, one NMOS differential pair (MN1 and MN2) and one PMOS
differential pair (MP1 and MP2). When the common mode input voltage (VCM) is near V
+, the NMOS pair is on
and the PMOS pair is off. When VCM is near V
−, the NMOS pair is off and the PMOS pair is on. When V
CM is
between V+ and V−, internal logic decides how much current each differential pair receives. This special logic
ensures stable and low distortion amplifier operation within the entire common mode voltage range.
Because both input stages have their own offset voltage (VOS) characteristic, the offset voltage of the LMV712-N
becomes a function of VCM. VOS has a crossover point at 1.4 V above V
− (see Figure 3). Caution must be taken
in situations where input signal amplitude is comparable to VOS value or the design requires high accuracy. In
these situations, it is necessary for the input signal to avoid the crossover point.
The current coming out of the input differential pairs gets mirrored through two folded cascode stages (Q1, Q2,
Q3, Q4) into the class AB control block. This circuitry generates voltage gain, defines the dominant pole of the op
amp and limits the maximum current flowing at the output stage. MN3 introduces a voltage level shift and acts as
a high impedance to low impedance buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com