Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV712TL/NOPB Datasheet HTML 1Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 2Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 3Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 4Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 5Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 6Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 7Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
V
+
D2
OUTB
-INB
+INB
SDB
OUTA
+INA
-INA
SDA
V
-
A1
B1
C1
D1
A3
B3
C3
D3
A2
3
LMV712-N, LMV712-N-Q1
www.ti.com
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
I = Input, O = Output, P = Power
5 Pin Configuration and Functions
YPA Package
10-Pin DSBGA
Top View
Pin Functions: DSBGA Package
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
A1
OUTA
O
Channel A output
A2
V+
P
Positive supply input
A3
OUTB
O
Channel B output
B1
–INA
I
Channel A inverting input
B3
–INB
I
Channel B inverting input
C1
+INA
I
Channel A noninverting input
C3
+INB
I
Channel A noninverting input
D1
SDA
I
Channel A shutdown
D2
V–
P
Negative supply input
D3
SDB
I
Channel B shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com