Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMV712TL/NOPB Datasheet HTML 13Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 14Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 15Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 16Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 17Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 18Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 19Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 20Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
OUTPUT
VOLTAGE
SHUTDOWN
PULSE
(2V/div)
17
LMV712-N, LMV712-N-Q1
www.ti.com
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Feature Description (continued)
The output stage is composed of a PMOS and a NPN transistor in a common source or emitter configuration,
delivering a rail-to-rail output excursion.
The MN4 transistor ensures that the LMV712-N output remains near V− when the amplifier is in shutdown mode.
7.4 Device Functional Modes
7.4.1 Shutdown Pin
The LMV712-N offers independent shutdown pins for the dual amplifiers. When the shutdown pin is tied low, the
respective amplifier shuts down and the supply current is reduced to less than 1 µA. In shutdown mode, the
output level of the amplifier stays at V−. In a 2.7-V operation, when a voltage from 1.5 V to 2.7 V is applied to the
shutdown pin, the amplifier is enabled. As the amplifier is coming out of the shutdown mode, the output
waveform ramps up without any glitch.
Figure 31. Output Recovery from Shutdown
A glitch-free output waveform is highly desirable in many applications, one of which is power amplifier control
loops. In this application, the LMV712-N is used to drive the power amplifier's power control. If the LMV712-N did
not have a smooth output ramp during turn on, it would directly cause the power amplifier to produce a glitch at
its output. This adversely affects the performance of the system.
To enable the amplifier, the shutdown pin must be pulled high. It must not be left floating in the event that any
leakage current may inadvertently turn off the amplifier.
7.4.2 Capacitive Load Tolerance
The LMV712-N can directly drive 200 pF in unity-gain without oscillation. The unity-gain follower is the most
sensitive configuration to capacitive loading. Direct capacitive loading reduces the phase margin of amplifiers.
The combination of the amplifier's output impedance and the capacitive load induces phase lag. This results in
either an underdamped pulse response or oscillation. To drive a heavier capacitive load, TI recommends the
circuit in Figure 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com