Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV712TL/NOPB Datasheet HTML 6Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 7Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 9Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 10Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 11Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 12Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 13Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
LMV712-N, LMV712-N-Q1
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Electrical Characteristics – 5 V (continued)
All limits ensured for V
+ = 5 V, V − = 0 V, V
CM = 2.5 V, TA = 25°C, and RL > 1 mΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
(3)
Number specified is the slower of the positive and negative slew rates.
AVOL
Large signal voltage gain
LMV712 Sourcing
RL = 10 kΩ
VO = 2.5 V to 4.6 V
TA = 25°C
80
130
dB
−40°C ≤ TJ ≤ 85°C
76
LMV712-Q1
TA = 25°C
130
−40°C ≤ TJ ≤ 125°C
69
LMV712 Sinking
RL = 10 kΩ
VO = 0.4 V to 2.5 V
TA = 25°C
80
130
−40°C ≤ TJ ≤ 85°C
76
LMV712-Q1
TA = 25°C
130
−40°C ≤ TJ ≤ 125°C
69
LMV712 Sourcing
RL = 600 Ω
VO = 2.5 V to 4.6 V
TA = 25°C
80
110
−40°C ≤ TJ ≤ 85°C
76
LMV712-Q1
TA = 25°C
110
−40°C ≤ TJ ≤ 125°C
69
LMV712 Sinking
RL = 600 Ω
VO = 0.4 V to 2.5 V
TA = 25°C
80
107
−40°C ≤ TJ ≤ 85°C
76
LMV712-Q1
TA = 25°C
107
−40°C ≤ TJ ≤ 125°C
69
VSD
Shutdown pin voltage
On mode
4.5
3.5
V
Shutdown mode
1.5
0.8
GBWP
Gain-bandwidth product
5
MHz
SR
Slew rate(3)
5
V/µs
φm
Phase margin
60
°
en
Input referred voltage
noise
f = 1 kHz
20
nV/
√Hz
TON
Turnon time for shutdown
TA = 25°C
1.6
4
µs
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
4.6
DSBGA turnon time for
shutdown
TA = 25°C
6
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com