Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV712TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV712TL/NOPB
Description  LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV712TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV712TL/NOPB Datasheet HTML 3Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 4Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 5Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 6Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 7Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 9Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 10Page - Texas Instruments LMV712TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
LMV712-N, LMV712-N-Q1
www.ti.com
SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016
Product Folder Links: LMV712-N LMV712-N-Q1
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
6.5 Electrical Characteristics – 2.7 V
All limits ensured for V
+ = 2.7 V, V − = 0 V, V
CM = 1.35 V, TA = 25°C, and RL > 1 mΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input offset voltage
(WSON and VSSOP)
VCM = 0.85 V and
VCM = 1.85 V
TA = 25°C
0.4
3
mV
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
3.2
Input offset voltage
(DSBGA only)
VCM = 0.85 V and
VCM = 1.85 V
TA = 25°C
3
7
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
9
IB
Input bias current
LMV712
TA = 25°C
5.5
115
pA
−40°C ≤ TJ ≤ 85°C
130
LMV712-Q1
TA = 25°C
5.5
−40°C ≤ TJ ≤ 125°C
3740
CMRR
Common mode rejection
ratio
0 V
≤ VCM ≤ 2.7 V
TA = 25°C
50
75
dB
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
45
PSRR
Power supply rejection ratio
2.7 V
≤ V+ ≤ 5 V,
VCM = 0.85 V
TA = 25°C
70
90
dB
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
68
2.7 V
≤ V+ ≤ 5 V,
VCM = 1.85 V
TA = 25°C
70
90
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
68
CMVR
Common mode voltage
For CMRR
≥ 50 dB
V-
−0.2
−0.3
V
V+
3
2.9
ISC
Output short circuit current
Sourcing
VO = 0 V
TA = 25°C
15
25
mA
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
12
Sinking
VO = 2.7 V
TA = 25°C
25
50
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
22
VO
Output swing
RL = 10 kΩ to
1.35 V
TA = 25°C
2.62
2.68
V
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
2.6
TA = 25°C
0.01
0.12
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
0.15
RL = 600 Ω to
1.35 V
TA = 25°C
2.52
2.55
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
2.5
TA = 25°C
0.05
0.23
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
0.3
VO(SD)
Output voltage in shutdown
10
200
mV
IS
Supply current per channel
On mode
TA = 25°C
1.22
1.7
mA
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
1.9
Shutdown mode
TA = 25°C
0.12
1.5
µA
−40°C ≤ TJ ≤ 85°C (LMV712) or
−40°C ≤ TJ ≤ 125°C (LMV712-Q1)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com