Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 15Page - Texas Instruments ADS7828 Datasheet HTML 16Page - Texas Instruments ADS7828 Datasheet HTML 17Page - Texas Instruments ADS7828 Datasheet HTML 18Page - Texas Instruments ADS7828 Datasheet HTML 19Page - Texas Instruments ADS7828 Datasheet HTML 20Page - Texas Instruments ADS7828 Datasheet HTML 21Page - Texas Instruments ADS7828 Datasheet HTML 22Page - Texas Instruments ADS7828 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Sr
A1
1
0
0
1
0
A0
R
A
0
0
0
0
D11 D10 D9
D8
A
D7
D6...D1
D0
N
P
S
A1
1
0
0
1
0
A0
W
A
SD
C2
C1
C0 PD1 PD0 X
X
A
From Master to Slave
A = Acknowledge (SDA low)
N = Not acknowledge (SDA high)
S = Start condition
P = Stop condition
Sr = Repeated Start condition
W = 0 (write)
R = 1 (read)
From Slave to Master
Write-Addressing Byte
Command Byte
ADC Power-Down Mode
ADC Sampling Mode
ADC Converting Mode
ADC Power-Down Mode
(depending on power-down selection bits)
Read-Addressing Byte
2 x (8 bits + ack/nack)
See Note (1)
NOTE: (1) To secure bus operation and loop back to the stage of write-addressing for next conversion, use Repeated Start.
ADS7828-Q1
www.ti.com
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
7.4.4 Reading Data
Data can be read from the ADS7828 by read addressing the part (LSB of address byte set to 1) and receiving
the transmitted bytes. Converted data can be read from the ADS7828 only after a conversion has been initiated
as described in the preceding section.
Each 12-bit data word is returned in two bytes (see Figure 17), where D11 is the MSB of the data word, and D0
is the LSB. Byte 0 is sent first, followed by byte 1.
Figure 17. Reading Data
MSB
6
5
4
3
2
1
LSB
Byte 0
0
0
0
0
D11
D10
D9
D8
Byte 1
D7
D6
D5
D4
D3
D2
D1
D0
7.4.5 Reading in Fast or Standard (F/S) Mode
Figure 18 shows the interaction between the master and the slave ADS7828 in fast or standard (F/S) mode. At
the end of reading conversion data, the ADS7828 can be issued a repeated Start condition by the master to
secure bus operation for subsequent conversions of the ADC. This would be the most efficient way to perform
continuous conversions.
Figure 18. Typical Read Sequence in F/S Mode
7.4.6 Reading in High-Speed (HS) Mode
High Speed (HS) mode is fast enough that codes can be read out one at a time. In HS mode, there is not
enough time for a single conversion to complete between the reception of a repeated Start condition and the
read-addressing byte, so the ADS7828 stretches the clock after the read-addressing byte has been fully
received, holding it low until the conversion is complete.
See Figure 19 for a typical read sequence for HS mode. Included in the read sequence is the shift from F/S to
HS modes. It may be desirable to remain in HS mode after reading a conversion; to do this, issue a repeated
Start instead of a Stop at the end of the read sequence, since a Stop causes the part to return to F/S mode.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com