Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 7Page - Texas Instruments ADS7828 Datasheet HTML 8Page - Texas Instruments ADS7828 Datasheet HTML 9Page - Texas Instruments ADS7828 Datasheet HTML 10Page - Texas Instruments ADS7828 Datasheet HTML 11Page - Texas Instruments ADS7828 Datasheet HTML 12Page - Texas Instruments ADS7828 Datasheet HTML 13Page - Texas Instruments ADS7828 Datasheet HTML 14Page - Texas Instruments ADS7828 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADS7828-Q1
www.ti.com
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
Switching Characteristics (continued)
+VDD = 2.7 V, over operating free-air temperature range, unless otherwise noted.
(1)(2) See Figure 1.
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
4
μs
Fast mode
600
thigh
High period of the SCL clock
Cb = 100 pF max
60
ns
High-speed mode(3)
Cb = 400 pF max
120
Standard mode
4.7
μs
Setup time for a repeated Start
tSU; STA
Fast mode
600
condition
ns
High-speed mode
160
Standard mode
250
tSU; DAT
Data setup time
Fast mode
100
ns
High-speed mode
10
Standard mode
0
3.45
μs
Fast mode
0
0.9
tHD; DAT
Data hold time
Cb = 100 pF max
0
82
High-speed mode(3) (4)
ns
Cb = 400 pF max
0
162
Standard mode
1000
Fast mode
20 + 0.1Cb
300
trCL
Rise time of SCL signal
ns
Cb = 100 pF max
10
40
High-speed mode(3)
Cb = 400 pF max
20
80
Standard mode
1000
Rise time of SCL signal after a
Fast mode
20 + 0.1Cb
300
trCL1
repeated Start condition and after an
ns
Cb = 100 pF max
10
80
acknowledge bit
High-speed mode(3)
Cb = 400 pF max
20
160
Standard mode
300
Fast mode
20 + 0.1Cb
300
tfCL
Fall time of SCL signal
ns
Cb = 100 pF max
10
40
High-speed mode(3)
Cb = 400 pF max
20
80
Standard mode
1000
Fast mode
20 + 0.1Cb
300
trDA
Rise time of SDA signal
ns
Cb = 100 pF max
10
80
High-speed mode(3)
Cb = 400 pF max
20
160
Standard mode
300
Fast mode
20 + 0.1Cb
300
tfDA
Fall time of SDA signal
ns
Cb = 100 pF max
10
80
High-speed mode(3)
Cb = 400 pF max
20
160
Standard mode
4
μs
tSU; STO
Setup time for Stop condition
Fast mode
600
ns
High-speed mode
160
Cb
Capacitive load for SDA or SCL
400
pF
Fast mode
50
tSP
Pulse width of spike suppressed
ns
High-speed mode
10
Noise margin at the high level for
VnH
each connected device (including
0.2 × VDD
V
hysteresis)
Noise margin at the low level for
VnL
each connected device (including
0.1 × VDD
V
hysteresis)
(4)
A device must internally provide a data hold time to bridge the undefined part between VIH and VIL of the falling edge of the SCLH
signal. An input circuit with a threshold as low as possible for the falling edge of the SCLH signal minimizes this hold time.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com