Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 22Page - Texas Instruments ADS7828 Datasheet HTML 23Page - Texas Instruments ADS7828 Datasheet HTML 24Page - Texas Instruments ADS7828 Datasheet HTML 25Page - Texas Instruments ADS7828 Datasheet HTML 26Page - Texas Instruments ADS7828 Datasheet HTML 27Page - Texas Instruments ADS7828 Datasheet HTML 28Page - Texas Instruments ADS7828 Datasheet HTML 29Page - Texas Instruments ADS7828 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Differential Input Voltage to INA213-Q1 (V)
-0.02
-0.01
0
0.01
0.02
0
500
1000
1500
2000
2500
3000
3500
4000
4500
D001
fs
sup ply
V
VREF
V
2
<
-
fs
V
VREF
2
>
fs
V
1.5V
= ±
fs
V
15mV
100
= ±
´
fs
diff
INA 214
V
VIN
G
=
´
ADS7828-Q1
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Typical Applications (continued)
8.2.1.1 Design Requirements
For this design example, the ADS7828-Q1 device is paired with a current shunt monitor. Bi-directional current
monitoring is required when there is both charging and discharging. The requirements for this example are as
follows:
•
Voltage across current shunt varies –15 mV to 15 mV
•
5-V supply
•
3.3-V rail available as reference
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Part Selection
The INA214-Q1 device was selected because of the low offset and zero drift of the device. The ADS7828-Q1
device has a low noise floor, so it can support more of the gain. For this reason, the lowest gain option was
selected from the INA21x-Q1 family. The INA214-Q1 device has a gain of 50.
8.2.1.2.2
Full-Scale Differential Range
First, determine the full-scale differential range into the ADS7828-Q1 device.
(1)
(2)
(3)
8.2.1.2.3
Circuit Implementation
Because the ADS7828-Q1 device has a differential input, connect the reference voltage of the INA214-Q1 device
to the negative input terminal of the ADS7828-Q1 device. Because bi-directional current sensing is required in
this application, VREF must be chosen so that:
(4)
where
•
Vfs = 3 V
(5)
A 3.3-V reference is used for this example. Because the ADS7828-Q1 device is a differential input ADC, a
resistive divider can be used to generate the reference voltage because impedance effects on the INA214-Q1
device is canceled out by the ADS7828-Q1 device.
8.2.1.3 Application Curve
Figure 26. ADC Code vs Voltage Across Current-Shunt Resistor in Bi-Directional Current Sensing
Application
26
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com