Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 27 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 23Page - Texas Instruments ADS7828 Datasheet HTML 24Page - Texas Instruments ADS7828 Datasheet HTML 25Page - Texas Instruments ADS7828 Datasheet HTML 26Page - Texas Instruments ADS7828 Datasheet HTML 27Page - Texas Instruments ADS7828 Datasheet HTML 28Page - Texas Instruments ADS7828 Datasheet HTML 29Page - Texas Instruments ADS7828 Datasheet HTML 30Page - Texas Instruments ADS7828 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
+VDD
SDA
SCL
A1
A0
COM
REF
GND
= Via to ground plane
Place power supply
capacitor as close as
possible to VDD pin
ADS7828-Q1
ADS7828-Q1
www.ti.com
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
9 Power Supply Recommendations
The device requires only one power supply, VDD, which can have an input voltage between 2.7 V and 5.0 V.
The value of VDD affects the input voltage range and the digital logic high and low levels. A decoupling capacitor
should be placed close to the VDD pin. TI recommends a value of at least 0.1 µF.
10 Layout
10.1 Layout Guidelines
For optimum performance, care should be taken with the physical layout of the ADS7828 circuitry. The basic
SAR architecture is sensitive to glitches or sudden changes on the power supply, reference, ground connections,
and digital inputs that occur just prior to latching the output of the analog comparator. Therefore, during any
single conversion for an "n-bit" SAR converter, there are n "windows" in which large external transient voltages
can easily affect the conversion result. Such glitches might originate from switching power supplies, nearby
digital logic, and high-power devices.
With this in mind, power to the ADS7828 should be clean and well-bypassed. A 0.1-
μF ceramic bypass capacitor
should be placed as close to the device as possible. A 1-
μF to 10-μF capacitor may also be needed if the
impedance of the connection between +VDD and the power supply is high.
The ADS7828 architecture offers no inherent rejection of noise or voltage variation in regards to using an
external reference input. This is of particular concern when the reference input is tied to the power supply. Any
noise and ripple from the supply will appear directly in the digital results. While high-frequency noise can be
filtered out, voltage variation due to line frequency (50 Hz or 60 Hz) can be difficult to remove.
The GND pin should be connected to a clean ground point. In many cases, this will be the "analog" ground.
Avoid connections that are too near the grounding point of a microcontroller or digital signal processor. The ideal
layout will include an analog ground plane dedicated to the converter and associated analog circuitry.
10.2 Layout Example
Figure 27. Layout Example
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com