Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 17Page - Texas Instruments ADS7828 Datasheet HTML 18Page - Texas Instruments ADS7828 Datasheet HTML 19Page - Texas Instruments ADS7828 Datasheet HTML 20Page - Texas Instruments ADS7828 Datasheet HTML 21Page - Texas Instruments ADS7828 Datasheet HTML 22Page - Texas Instruments ADS7828 Datasheet HTML 23Page - Texas Instruments ADS7828 Datasheet HTML 24Page - Texas Instruments ADS7828 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Sr
A1
1
0
0
1
0
A0
R
A
0
0
0
0
D11 D10 D9
D8
A
D7
D6...D1
D0
N
P
S
A1
1
0
0
1
1
0
A0
W
A
SD
C2
C1
C0
PD0
X
X
A
S
A1
1
0
0
1
1
0
A0
W
A
X
X
X
X
X
X
X
A
P
Wait until the required
settling time is reached
Internal Reference Turn-On Sequence
Settled Internal Reference
Settled Internal Reference
Internal Reference
Turn-On
Settling Time
Typical Read
Sequence
in F/S Mode
(1)
From Master to Slave
A = Acknowledge (SDA low)
N = Not acknowledge (SDA high)
S = Start condition
P = Stop condition
Sr = Repeated Start condition
W = 0 (write)
R = 1 (read)
From Slave to Master
Command Byte
Write-Addressing Byte
Command Byte
Write-Addressing Byte
ADC Power-Down Mode
ADC Sampling Mode
ADC Converting Mode
ADC Power-Down Mode
(depending on power-down selection bits)
Read-Addressing Byte
2 x (8 bits + ack/nack)
See
Note (2)
NOTES: (1) Typical read sequences can be reused after the internal reference is settled.
(2) To secure bus operation and loop back to the stage of write-addressing for next conversion, use Repeated Start.
ADS7828-Q1
www.ti.com
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
Figure 20. Internal Reference Turn-On Sequence and Typical Read Sequence (F/S Mode Shown)
When using an internal reference, there are three things that must be done:
1. To use the internal reference, the PD1 bit of Command Byte must always be set to logic 1 for each sample
conversion that is issued by the sequence, as shown in Figure 18.
2. To achieve 12-bit accuracy conversion when using the internal reference, the internal reference settling time
must be considered, as shown in the Internal VREF vs Turn-On Time Typical Characteristic plot. If the PD1
bit has been set to logic 0 while using the ADS7828, then the settling time must be reconsidered after PD1 is
set to logic 1. In other words, whenever the internal reference is turned on after it has been turned off, the
settling time must be long enough to get 12-bit accuracy conversion.
3. When the internal reference is off, it is not turned on until both the first Command Byte with PD1 = 1 is sent
and then a Stop condition or repeated Start condition is issued. (The actual turn-on time occurs once the
Stop or repeated Start condition is issued.) Any Command Byte with PD1 = 1 issued after the internal
reference is turned on serves only to keep the internal reference on. Otherwise, the internal reference would
be turned off by any Command Byte with PD1 = 0.
The example in Figure 20 can be generalized for an HS mode conversion cycle by changing the timing of the
conversion cycle. If using an external reference, PD1 must be set to 0, and the external reference must be
settled. The typical sequence in Figure 18 or Figure 19 can then be used.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com