Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 21Page - Texas Instruments ADS7828 Datasheet HTML 22Page - Texas Instruments ADS7828 Datasheet HTML 23Page - Texas Instruments ADS7828 Datasheet HTML 24Page - Texas Instruments ADS7828 Datasheet HTML 25Page - Texas Instruments ADS7828 Datasheet HTML 26Page - Texas Instruments ADS7828 Datasheet HTML 27Page - Texas Instruments ADS7828 Datasheet HTML 28Page - Texas Instruments ADS7828 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
0.1 µF
+
Load
5 V
5 V
Shunt Resistor
IN+
IN–
OUT
REF
VIN+
VIN–
INA214-Q1
ADS7828 -Q1
I
2
C
3.3 V
0.1 µF (typical)
VDD
5
14
1
2
9
4
CH0
CH1
GND
CH3
CH4
SCL
15
16
7
6
SDA
VDD
CH6
CH5
ADS7828-Q1
Inputs Selected
from Configuration
Register
Output Codes
0-32767
ADS7828-Q1
www.ti.com
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
Digital and address pin connections omitted for clarity.
Figure 24. Measuring Single-Ended Inputs
8.2 Typical Applications
8.2.1 ADS7828-Q1 With Current Shunt Monitor
Figure 25. ADS7828-Q1 With Current Shunt Monitor
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com