Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 10Page - Texas Instruments ADS7828 Datasheet HTML 11Page - Texas Instruments ADS7828 Datasheet HTML 12Page - Texas Instruments ADS7828 Datasheet HTML 13Page - Texas Instruments ADS7828 Datasheet HTML 14Page - Texas Instruments ADS7828 Datasheet HTML 15Page - Texas Instruments ADS7828 Datasheet HTML 16Page - Texas Instruments ADS7828 Datasheet HTML 17Page - Texas Instruments ADS7828 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
300
250
200
150
100
50
0
10
100
1k
10k
I2C Bus Rate (kHz)
0
200
400
600
800
1000
1200
1400
Turn-On Time (µs)
100
80
60
40
20
0
No Cap
(42 µs)
12-Bit Settling
1-µF Cap
(1240 µs)
12-Bit Settling
750
600
450
300
150
0
–150
–50
–25
0
25
50
75
100
125
Temperature ( °C)
400
350
300
250
200
150
100
–50
–25
0
25
50
75
100
Temperature (°C)
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–50
–25
0
25
50
75
100
Temperature (° C)
2.51875
2.51250
2.50625
2.50000
2.49375
2.48750
2.48125
–50
–25
0
25
50
75
100
Temperature (° C)
ADS7828-Q1
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Figure 9. Internal Reference vs Temperature
Figure 8. Change in Gain vs Temperature
Figure 10. Power-Down Supply Current vs Temperature
Figure 11. Supply Current vs Temperature
Figure 13. Internal VREF vs Turn-On Time
Figure 12. Supply Current vs I2C Bus Rate
14
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com