Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 20Page - Texas Instruments ADS7828 Datasheet HTML 21Page - Texas Instruments ADS7828 Datasheet HTML 22Page - Texas Instruments ADS7828 Datasheet HTML 23Page - Texas Instruments ADS7828 Datasheet HTML 24Page - Texas Instruments ADS7828 Datasheet HTML 25Page - Texas Instruments ADS7828 Datasheet HTML 26Page - Texas Instruments ADS7828 Datasheet HTML 27Page - Texas Instruments ADS7828 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
VDD
GPIO_0
GPIO_1
Microcontroller or
Microprocessor
with GPIO Ports
5
14
1
2
3
4
CH0
CH1
CH2
CH3
CH4
SCL
15
8
7
6
SDA
CH7
CH6
CH5
ADS7828-Q1
ADS7828-Q1
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
www.ti.com
8.1.1.2 Using GPIO Ports for Communication
Most microcontrollers have programmable input-output (I/O) pins that can be set in software to act as inputs or
outputs. If an I2C controller is not available, the ADS7828-Q1 device can be connected to GPIO pins and the I2C
bus protocol simulated, or bit-banged, in software. Figure 23 shows an example of this configuration for a single
ADS7828-Q1 device.
Bit-banging the I2C with GPIO pins occurs by setting the GPIO line to 0 and toggling it between input and output
modes to apply the proper bus states. To drive the line low, the pin is set to output 0; to let the line go high, the
pin is set to input. When the pin is set to input, the state of the pin can be read; if another device is pulling the
line low, this configuration reads as a 0 in the port input register.
Note that no pullup resistor is shown on the SCL line. In this simple case, the resistor is not needed; the
microcontroller can simply leave the line on output, and set it to 1 or 0 as appropriate. This action is possible
because the ADS7828-Q1 never drives the clock line low. This technique can also be used with multiple devices,
and has the advantage of lower current consumption as a result of the absence of a resistive pullup.
If there are any devices on the bus that may drive the clock lines low, this method should not be used; the SCL
line should be high-Z or 0 and a pullup resistor provided as usual.
Some microcontrollers have selectable strong pullup circuits built into the GPIO ports. In some cases, these
circuits can be switched on and used in place of an external pullup resistor. Weak pullups are also provided on
some microcontrollers, but usually these are too weak for I2C communication. If there is any doubt about the
matter, test the circuit before committing it to production.
ADS7828-Q1 power and input connections omitted for clarity.
Figure 23. Using GPIO with a Single ADS7828-Q1
8.1.1.3 Single-Ended Inputs
Although the ADS7828-Q1 device has four differential inputs, the device can easily measure eight single-ended
signals. Figure 24 shows a single-ended connection scheme. The ADS7828-Q1 device is configured for single-
ended measurement by configuring the MUX to measure each channel with respect to ground. Data are then
read out of one input based on the selection on the configuration register. The single-ended signal can range
from 0 V to the supply voltage. The ADS7828-Q1 device loses no linearity anywhere within the input range.
Negative voltages cannot be applied to this circuit because the ADS7828-Q1 device can only accept positive
voltages.
The ADS7828-Q1 input range is bipolar differential with respect to the reference. The single-ended circuit shown
in Figure 24 covers only half the ADS7828-Q1 input scale because it does not produce differentially negative
inputs; therefore, one bit of resolution is lost.
24
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com