Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 16Page - Texas Instruments ADS7828 Datasheet HTML 17Page - Texas Instruments ADS7828 Datasheet HTML 18Page - Texas Instruments ADS7828 Datasheet HTML 19Page - Texas Instruments ADS7828 Datasheet HTML 20Page - Texas Instruments ADS7828 Datasheet HTML 21Page - Texas Instruments ADS7828 Datasheet HTML 22Page - Texas Instruments ADS7828 Datasheet HTML 23Page - Texas Instruments ADS7828 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Sr
A1
1
0
0
1
0
A0
R
A
S
X
0
0
0
0
1
X
X
N
Sr
A1
1
0
0
1
0
A0
W
A
SD
C2 C1
C0 PD1 PD0
X
X
A
0
0
0
0
D11 D10 D9
D8
A
D7
D6...D1
D0
N
P
F/S Mode
HS Mode Master Code
HS Mode Enabled
HS Mode Enabled
ADC Power-Down Mode
ADC Sampling Mode
ADC Converting Mode
Command Byte
Write-Addressing Byte
Read-Addressing Byte
HS Mode Enabled
Return to F/S Mode
(1)
ADC Power-Down Mode
(depending on power-down selection bits)
2 x (8 Bits + ack/not-ack)
From Master to Slave
A = Acknowledge (SDA low)
N = Not acknowledge (SDA high)
S = StartCondition
P = Stop Condition
Sr = Repeated Start condition
W = 0 (write)
R = 1 (read)
From Slave to Master
NOTES: (1) To remain in HS mode, use Repeated Start instead of Stop.
(2) SCLH is SCL in HS mode.
SCLH is stretched low waiting for data conversion
(2)
ADS7828-Q1
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Figure 19. Typical Read Sequence in HS Mode
7.4.7 Reading With Reference On or Off
The internal reference defaults to off when the ADS7828 power is on. To turn the internal reference on or off, see
Table 2. If the reference (internal or external) is constantly turned on and off, a proper amount of settling time
must be added before a normal conversion cycle can be started. The exact amount of settling time needed
varies depending on the configuration.
See Figure 20 for an example of the proper internal reference turn-on sequence before issuing the typical read
sequences required for the F/S mode when an internal reference is used.
20
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com