Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 3Page - STMicroelectronics TS2007FC Datasheet HTML 4Page - STMicroelectronics TS2007FC Datasheet HTML 5Page - STMicroelectronics TS2007FC Datasheet HTML 6Page - STMicroelectronics TS2007FC Datasheet HTML 7Page - STMicroelectronics TS2007FC Datasheet HTML 8Page - STMicroelectronics TS2007FC Datasheet HTML 9Page - STMicroelectronics TS2007FC Datasheet HTML 10Page - STMicroelectronics TS2007FC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DocID14937 Rev 4
7/33
TS2007FC
Absolute maximum ratings and operating conditions
33
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.4 to 5.5
V
Vin
Input voltage range
GND to VCC
Vicm
Input common mode voltage range(1)
1.
|Voo| ≤ 35 mV max with both differential gains
GND + 0.15 V to
VCC - 0.7 V
VSTBY
Standby voltage input(2):
Device ON
Device OFF
2.
Without any signal on VSTBY, the device is in standby (internal 300 kΩ pull-down resistor)
1.4
≤ VSTBY ≤ VCC
GND
≤ VSTBY ≤ 0.4 (3)
3.
Minimum current consumption is obtained when VSTBY = GND
VGS
Gain select input voltage(4):
Gain = 6 dB
Gain = 12 dB
4.
Without any signal on GS pin, the device is in a 6 dB gain configuration (internal 300 k
Ω pull up resistor)
1.4
≤ VGS ≤ VCC
GND
≤ VGS ≤ 0.4
RL
Load resistor
≥ 4
Ω
Rthja
Thermal resistance junction to ambient(5)
5.
When mounted on 4-layer PCB
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com