Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 11Page - STMicroelectronics TS2007FC Datasheet HTML 12Page - STMicroelectronics TS2007FC Datasheet HTML 13Page - STMicroelectronics TS2007FC Datasheet HTML 14Page - STMicroelectronics TS2007FC Datasheet HTML 15Page - STMicroelectronics TS2007FC Datasheet HTML 16Page - STMicroelectronics TS2007FC Datasheet HTML 17Page - STMicroelectronics TS2007FC Datasheet HTML 18Page - STMicroelectronics TS2007FC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DocID14937 Rev 4
15/33
TS2007FC
Electrical characteristics
33
3.2
Electrical characteristic curves
The graphs shown in this section use the following abbreviations:
•
RL+ 15 µH or 30 µH = pure resistor + very low series resistance inductor
•
Filter = LC output filter (1 µF+ 30 µH for 4
Ω and 0.5 µF+15 µH for 8 Ω)
All measurements are made with CS1 = 1 µF and CS2 = 100 nF (Figure 3), except for the
PSRR where CS1 is removed (Figure 4).
Figure 3. Test diagram for measurements
Figure 4. Test diagram for PSRR measurements
VCC
Cin
Cin
Cs1
TS2007FC
Cs2
100 nF
In+
In-
15 µH or 30 µH
or
LC Filter
Out+
Out-
1 µF
4 or 8
RL
5th order
50 kHz
low-pass filter
Audio Measurement
Bandwith < 30 kHz
GND
GND
GND
Ω
VCC
Cin
Cin
TS2007FC
Cs2
100 nF
In+
In-
15 µH or 30 µH
or
LC Filter
Out+
Out-
Ω
4 or 8
RL
5th order
50 kHz
low-pass filter
RMS Selective Measurement
Bandwith =1% of Fmeas
GND
GND
GND
1 µF
1 µF
GND
5th order
50 kHz
low-pass filter
reference
20 Hz to 20 kHz
Vripple
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com