Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 25Page - STMicroelectronics TS2007FC Datasheet HTML 26Page - STMicroelectronics TS2007FC Datasheet HTML 27Page - STMicroelectronics TS2007FC Datasheet HTML 28Page - STMicroelectronics TS2007FC Datasheet HTML 29Page - STMicroelectronics TS2007FC Datasheet HTML 30Page - STMicroelectronics TS2007FC Datasheet HTML 31Page - STMicroelectronics TS2007FC Datasheet HTML 32Page - STMicroelectronics TS2007FC Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
DocID14937 Rev 4
31/33
TS2007FC
Package information
33
5.1
9-bump Flip-chip package information
Figure 48. 9-bump Flip-chip package outline
1.
Die size: 1.57 mm x 1.57 mm ±30 µm
Die height (including bumps): 600 µm
Bump diameter: 315 µm ±50 µm
Bump diameter before reflow: 300 µm ±10 µm
Bump height: 250 µm ±40 µm
Die height: 350 µm ±20 µm
Pitch: 500 µm ±50 µm
Back coating layer height (optional): 40 µm ±10 µm
Coplanarity: 50 µm max.
Figure 49. 9-bump Flip-chip marking (top view)
1.
Logo: ST
2.
First two digits for part number: 07
3.
Third digit for assembly plant: X
4.
Three digit date code: YWW
5.
Dot indicates pin A1
6.
“E” symbol for lead free
600µm
40µm
600µm
40µm
1.57 mm
1.57 mm
0.5mm
0.5mm
∅ 0.25mm
1.57 mm
1.57 mm
0.5mm
0.5mm
∅ 0.25mm
07 X
YWW
(1)
(2)
(3)
(4)
(5)
(6)
GAMS1312131712CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com