Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 24Page - STMicroelectronics TS2007FC Datasheet HTML 25Page - STMicroelectronics TS2007FC Datasheet HTML 26Page - STMicroelectronics TS2007FC Datasheet HTML 27Page - STMicroelectronics TS2007FC Datasheet HTML 28Page - STMicroelectronics TS2007FC Datasheet HTML 29Page - STMicroelectronics TS2007FC Datasheet HTML 30Page - STMicroelectronics TS2007FC Datasheet HTML 31Page - STMicroelectronics TS2007FC Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Application information
TS2007FC
28/33
DocID14937 Rev 4
Figure 46. Ferrite chip bead placement
In the case where the distance between the TS2007FC output and the speaker terminals is
too long, it is possible to have low frequency EMI issues due to the fact that the typical
operating PWM frequency is 280 kHz and the fall and rise time of the output signal is less
than or equal to 5 ns. In this configuration, it is necessary to use the output filter shown in
Figure 47, that consists of L1, C1, L2, and C2 as close as possible to the TS2007FC
outputs.
When an output filter is used and there exists a possibility to disconnect a load, it is
recommended to use an RC network that consists of C3 and R as shown in Figure 47. In
this case, when the output filter is connected without any load, the filter acts like a short-
circuit for input frequencies above 10 kHz. The RC network corrects the frequency response
of the output filter and compensates this limitation.
Figure 47. LC output filter with RC network
Table 12. Example of component choice
Component
RL = 4 Ω
RL = 8 Ω
L1
15
μH/1.4 A
30
μH/0.7 A
L2
C1
2
μF/10 V
1
μF/10 V
C2
C3
1
μF/10 V
R22
Ω/0.25 W
47
Ω/0.25 W
to speaker
about 100pF
gnd
Ferrite chip bead
From TS2007FC output
from TS2007FC
L
LCOutput Filter
L1
C1
L2
C3
R
C2
R
OUT+
OUT-
RC network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com