Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 16Page - STMicroelectronics TS2007FC Datasheet HTML 17Page - STMicroelectronics TS2007FC Datasheet HTML 18Page - STMicroelectronics TS2007FC Datasheet HTML 19Page - STMicroelectronics TS2007FC Datasheet HTML 20Page - STMicroelectronics TS2007FC Datasheet HTML 21Page - STMicroelectronics TS2007FC Datasheet HTML 22Page - STMicroelectronics TS2007FC Datasheet HTML 23Page - STMicroelectronics TS2007FC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Electrical characteristics
TS2007FC
20/33
DocID14937 Rev 4
Figure 23. THD+N vs. frequency
@ 4.2 V and 8 Ω
Figure 24. THD+N vs. frequency
@ 3.6 V and 4 Ω
Figure 25. THD+N vs. frequency
@ 3.6 V and 8 Ω
Figure 26. THD+N vs. frequency
@ 3 V and 4 Ω
Figure 27. THD+N vs. frequency
@ 3 V and 8 Ω
Figure 28. THD+N vs. frequency
@ 2.7 V and 4 Ω
100
1000
10000
0.01
0.1
1
10
Po=300mW
Po=600mW
Frequency (Hz)
Vcc = 4.2V
RL = 8
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
100
1000
10000
0.01
0.1
1
10
Po=350mW
Po=700mW
Frequency (Hz)
Vcc = 3.6V
RL = 4
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
100
1000
10000
0.01
0.1
1
10
Po=200mW
Po=400mW
Frequency (Hz)
Vcc = 3.6V
RL = 8
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
100
1000
10000
0.01
0.1
1
10
Po=250mW
Po=500mW
Frequency (Hz)
Vcc = 3V
RL = 4
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
100
1000
10000
0.01
0.1
1
10
Po=150mW
Po=300mW
Frequency (Hz)
Vcc = 3V
RL = 8
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
100
1000
10000
0.01
0.1
1
10
Po=200mW
Po=400mW
Frequency (Hz)
Vcc = 2.7V
RL = 4
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com