Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS2007FC
Description  3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 4 Page - STMicroelectronics

  TS2007FC Datasheet HTML 1Page - STMicroelectronics TS2007FC Datasheet HTML 2Page - STMicroelectronics TS2007FC Datasheet HTML 3Page - STMicroelectronics TS2007FC Datasheet HTML 4Page - STMicroelectronics TS2007FC Datasheet HTML 5Page - STMicroelectronics TS2007FC Datasheet HTML 6Page - STMicroelectronics TS2007FC Datasheet HTML 7Page - STMicroelectronics TS2007FC Datasheet HTML 8Page - STMicroelectronics TS2007FC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
List of figures
TS2007FC
4/33
DocID14937 Rev 4
List of figures
Figure 1.
9-bump Flip-chip pinout (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2.
Typical application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
Test diagram for measurements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 4.
Test diagram for PSRR measurements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 5.
Current consumption vs. power supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 6.
Standby current vs. power supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 7.
Current consumption vs. standby voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 8.
Efficiency vs. output power @ 5 V and 4
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 9.
Efficiency vs. output power @ 5 V and 8
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 10.
Efficiency vs. output power @ 3.6 V and 4
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 11.
Efficiency vs. output power @ 3.6 V and 8
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 12.
Efficiency vs. output power @ 2.7 V and 4
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 13.
Efficiency vs. output power @ 2.7 V and 8
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 14.
Output power vs. power supply voltage @ 1% THD+N . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 15.
Output power vs. power supply voltage @ 10% THD+N . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 16.
THD+N vs. output power @ 4
Ω and 100 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 17.
THD+N vs. output power @ 8
Ω and 100 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 18.
THD+N vs. frequency @ 4
Ω and 1 kHz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 19.
THD+N vs. output power @ 8
Ω and 1 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 20.
THD+N vs. frequency @ 5 V and 4
Ω. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 21.
THD+N vs. frequency @ 5 V and 8
Ω. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 22.
THD+N vs. frequency @ 4.2 V and 4
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 23.
THD+N vs. frequency @ 4.2 V and 8
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 24.
THD+N vs. frequency @ 3.6 V and 4
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 25.
THD+N vs. frequency @ 3.6 V and 8
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 26.
THD+N vs. frequency @ 3 V and 4
Ω. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 27.
THD+N vs. frequency @ 3 V and 8
Ω. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 28.
THD+N vs. frequency @ 2.7 V and 4
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 29.
THD+N vs. frequency @ 2.7 V and 8
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 30.
PSRR vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 31.
PSRR vs. common mode input voltage @ +6 dB gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 32.
PSRR vs. common mode input voltage @ +12 dB gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 33.
CMRR vs. frequency. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 34.
CMRR vs. common mode input voltage @ +6 dB gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 35.
CMRR vs. common mode input voltage @ +12 dB gain . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 36.
Gain vs. frequency @ +6 dB gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 37.
Gain vs. frequency @ +12 dB gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 38.
Output offset vs. common mode input voltage @ 5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 39.
Output offset vs. common mode input voltage @ 3.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 40.
Output offset vs. common mode input voltage @ 2.7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 41.
Power derating curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 42.
Startup and shutdown phase VCC = 5 V, G = 6 dB, Cin = 1 µF, inputs grounded . . . . . . . . 23
Figure 43.
Startup and shutdown phase VCC = 5 V, G = 6 dB, Cin = 1 µF, Vin = 1 Vpp, F = 10 kHz . . 23
Figure 44.
Startup and shutdown phase VCC = 5 V, G = 12 dB, Cin = 1 µF, Vin = 1 Vpp, F = 10 kHz . 23
Figure 45.
Typical application for single-ended input configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 46.
Ferrite chip bead placement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 47.
LC output filter with RC network . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 48.
9-bump Flip-chip package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com